Electronic Components Datasheet Search
  English  ▼

X  

UM0272 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 3Page - STMicroelectronics UM0272 Datasheet HTML 4Page - STMicroelectronics UM0272 Datasheet HTML 5Page - STMicroelectronics UM0272 Datasheet HTML 6Page - STMicroelectronics UM0272 Datasheet HTML 7Page - STMicroelectronics UM0272 Datasheet HTML 8Page - STMicroelectronics UM0272 Datasheet HTML 9Page - STMicroelectronics UM0272 Datasheet HTML 10Page - STMicroelectronics UM0272 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
UM0272
System features
7/40
Special inputs are also available on the CU board such as the Tamper line used to indicate
any tampering with the system. This line is normally connected in series with the Tamper
inputs of each sensor or device connected to the CU. A fire/smoke line is also present on the
CU board and is used to continuously monitor all fire or smoke sensors; immediately
signaling any warnings depending on the line configuration, but independently of the CU
status.
The system works using an RS-485 communication bus. This is a 4-wire bus (2 wires for
power, 2 for communication) that complies with RS-485 standards and guarantees good
noise immunity. The communication algorithm provides an encrypted protocol that prevents
information sniffing on the communication bus. Thanks to this bus, system modules can be
placed far away from the CU using a reduced number of wires. This configuration reduces
setup time, wiring and the wiring costs.
Figure 1.
System overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com