Electronic Components Datasheet Search
  English  ▼

X  

UM0272 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 7Page - STMicroelectronics UM0272 Datasheet HTML 8Page - STMicroelectronics UM0272 Datasheet HTML 9Page - STMicroelectronics UM0272 Datasheet HTML 10Page - STMicroelectronics UM0272 Datasheet HTML 11Page - STMicroelectronics UM0272 Datasheet HTML 12Page - STMicroelectronics UM0272 Datasheet HTML 13Page - STMicroelectronics UM0272 Datasheet HTML 14Page - STMicroelectronics UM0272 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
UM0272
System parameters
11/40
2
System parameters
2.1
Introduction
System parameters can be configured by using either the Control Module or the PC
Interface. Using the PC interface provides the advantage of using a user-friendly graphic
interface (GUI) to configure the system parameters off-line. Once the system is configured
on its own PC, it is possible to download information to the CU. For safety reasons and in
order to avoid any tampering from a different installer, a system installation code is required
before entering Parameter Setting mode on the CU.
2.2
Zones
Each zone is balanced, meaning that the CU detects any resistance variations on the input
line. A certain resistance value is assigned during the installation and when an imbalance is
detected, it is considered as an infraction and processed.
In each zone, a resistor can be placed between each zone terminal (i.e. J20 to J24 for the
hard-wired zones). In this case, the value of each resistor can be decided by the installer
and it is not necessary to set the same value for each zone. Using this feature ensures that
any additional resistance values coming from the wiring do not affect system performance.
Each zone can be included or excluded from the control flow (i.e. if a sensor is broken the
zone in which it is connected can be temporary excluded), and the working mode can be set
either as normally closed (NC or balanced) or normally opened (NO or unbalanced). The
zone status variation is immediately stored by the CU when detected, but it is processed
only once the delay time associated to the zone is elapsed (if any delay is set).
Each zone can be logically associated to all the others in OR (as default) or in AND modes.
In AND mode, status variations are detected and processed by the CU only if all the zones
in AND mode have their status changed too. Each zone can be in AND mode with another
zone, but the vice versa is not mandatory. For example, Zone 4 can be in AND mode with
Zone 5 (Zone 4 is now seen as Group 4), but Zone 5 is not in AND mode with Zone 4 (Zone
5 is associated to Zone 4 in OR mode).
Each zone is protected against negative voltage, over voltage and ESD.
2.3
Outputs
Each output behavior can be configured as “change status” (ON for a certain time followed
by an OFF period or vice versa) or “toggle status” (each time an alarm condition occurs, the
output status is toggled). One or more outputs can be associated to each zone and can be
enabled or disabled from the system. The default level of each output can be configured as
high or low.
Four outputs are SSR outputs that can supply up to 1A (internally limited) depending on the
power supply capacity (connectors J25/J26, J27/J28, J29 and J30). Typically such outputs
are dedicated to sirens (self-powered and internal) and for other devices that require power
(connectors AUX1 and AUX2).
Two outputs (J32) are transistorized general purpose outputs that can be configured for
signaling alarm conditions or the CU status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com