Electronic Components Datasheet Search
  English  ▼

X  

UM0272 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 12Page - STMicroelectronics UM0272 Datasheet HTML 13Page - STMicroelectronics UM0272 Datasheet HTML 14Page - STMicroelectronics UM0272 Datasheet HTML 15Page - STMicroelectronics UM0272 Datasheet HTML 16Page - STMicroelectronics UM0272 Datasheet HTML 17Page - STMicroelectronics UM0272 Datasheet HTML 18Page - STMicroelectronics UM0272 Datasheet HTML 19Page - STMicroelectronics UM0272 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
System hardware configuration
UM0272
16/40
(typical setting for the sirens) or normally low voltage levels. Refer to Table 7 for the
correspondence between the output number and the board layout label.
Figure 8.
Siren connection
Outputs AUX 1 and AUX 2 from the solid state relay can be used to connect external
devices and are fully programmable.
As shown in Figure 9, there are two other fully programmable outputs (transistorized) that
include one more option allowing to configure the STS output as a CU status output.
The value of the STS output depends on the CU status (enabled/disabled) and the ALM
output as an alarm output where the value of the ALM output changes each time there is an
alarm condition.
Note:
In the current version, outputs STS and ALM can be configured as a normal output. The
current software version does not manage the alarm and CU status signaling.
Figure 9.
Status/alarm connector
3.7
Tamper line
This option is not implemented in this version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com