Electronic Components Datasheet Search
  English  ▼

X  

UM1556 Datasheet(PDF) 53 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 49Page - STMicroelectronics UM1556 Datasheet HTML 50Page - STMicroelectronics UM1556 Datasheet HTML 51Page - STMicroelectronics UM1556 Datasheet HTML 52Page - STMicroelectronics UM1556 Datasheet HTML 53Page - STMicroelectronics UM1556 Datasheet HTML 54Page - STMicroelectronics UM1556 Datasheet HTML 55Page - STMicroelectronics UM1556 Datasheet HTML 56Page - STMicroelectronics UM1556 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
UM1556
Switching inductive loads
Doc ID 023520 Rev 2
53/87
Figure 43.
Transil – V/A characteristic
Considering the worst case values (VBAT = 16 V, VHSDClampMin = 41 V) the demagnetization
voltage should be limited at least to 16 – 41 = -25 V. Assuming 1 V voltage drop on the
protection diode (D) we need a transil with VCL < 24 V at the given current level (load current
at switch-off event). The clamping voltage is usually specified only at the maximum peak
power limit of the device. To determine the voltage at a given current level, apply a linear
approximation using VBR/IR and VCL/IPP data or estimate the value using VCL/IPP diagram in
the datasheet.
The transil must not conduct during a reverse battery condition. Assuming VBAT = -16 V, a
0.5 V drop on the HSD channel and a 0.5 V drop on the protection diode, we have -15 V
across the transil. We can find the parameter VRM (Stand-off voltage) in the transil
specification. VRM is the maximum operation voltage with low leakage current (valid in the
whole temperature range).
●
Single pulse energy capability
The maximum nonrepetitive transient power and current capability of transils is specified
mostly for 10/1000 µs exponential pulse at 25 °C. A real application condition is usually
different. In our case, the pulse length is given by the demagnetization time, while the
current waveform is close to the sawtooth shape (depending on L/R ratio of the load). To
check if the transil can safely operate under the desired conditions we can use the
translation diagrams in Figure 44, Figure 45 and Figure 46.
GAPGMS00119
VRM>15 V
VCL<24 V (at given I0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com