Electronic Components Datasheet Search
  English  ▼

X  

UM1556 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 5Page - STMicroelectronics UM1556 Datasheet HTML 6Page - STMicroelectronics UM1556 Datasheet HTML 7Page - STMicroelectronics UM1556 Datasheet HTML 8Page - STMicroelectronics UM1556 Datasheet HTML 9Page - STMicroelectronics UM1556 Datasheet HTML 10Page - STMicroelectronics UM1556 Datasheet HTML 11Page - STMicroelectronics UM1556 Datasheet HTML 12Page - STMicroelectronics UM1556 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
UM1556
General items
Doc ID 023520 Rev 2
9/87
1.2
Reverse battery protection
1.2.1
Reverse battery protection of monolithic HSDs
The reverse battery protection is inserted to the GND terminal of the driver. There are three
possible solutions: resistor only, resistor plus diode and MOSFET. There is a relatively low
current in the GND path and therefore no high power components are needed. However,
this protection circuit still must be able to handle the clamped ISO pulse current, as well as
the ISO pulse voltage. We also have to consider the fact that this simple "ground" circuitry
doesn't provide any protection to the connected load. If a reverse battery condition occurs,
the load is supplied in reverse polarity through internal body diode of the HSD and the
power dissipation on the HSD can become critical (depending on connected load and
thermal connection of the HSD). With a typical voltage drop on the internal body diode of
about 0.7 V, the resulting power dissipation = 0.7 ILOAD [W].
Reverse battery protection using resistor
Figure 4.
Voltage levels during reverse battery – resistor protection
A resistor Rgnd in the GND line prevents a short circuit through the internal substrate diode
of the HSD during a reverse battery condition. The minimum resistor value is limited by the
DC reverse ground pin current of the HSD. The maximum resistor value is limited by the
drop voltage, caused by the on-state supply current (IS) of the HSD. The voltage drop
across this resistor elevates the minimum input High threshold and normally should not
exceed 1 V (depending on microcontroller I/O levels).
Equation 1
Equation 2
R
GND
V
GND
I
S(on)max
------------------------
≤
R
GND
V
BAT
I
GND(reverse)max
-------------------------------------------
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com