Electronic Components Datasheet Search
  English  ▼

X  

UM1556 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 24Page - STMicroelectronics UM1556 Datasheet HTML 25Page - STMicroelectronics UM1556 Datasheet HTML 26Page - STMicroelectronics UM1556 Datasheet HTML 27Page - STMicroelectronics UM1556 Datasheet HTML 28Page - STMicroelectronics UM1556 Datasheet HTML 29Page - STMicroelectronics UM1556 Datasheet HTML 30Page - STMicroelectronics UM1556 Datasheet HTML 31Page - STMicroelectronics UM1556 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
Analogue current sense
UM1556
28/87
Doc ID 023520 Rev 2
2.6
Current sense resistor calculation
The analogue M0-5 HSDs integrate a current sense which under normal circumstances
provides a voltage across an external shunt resistor (RSENSE), which is proportional to the
load current with an N/n ratio (the so-called K factor):
This allows monitoring of the current which flows through the load and the detection of fault
conditions such as open load, overload and short-circuit to GND leading to a thermal
shutdown. In case of a thermal shutdown (M0-5, M0-5Enhanced) or a Power Limitation (M0-
5Enhanced), the CSENSE pin is switched to a voltage source VSENSEH (VSENSEH =9V typ,
ISENSEHmax = 8 mA) for as long as the device remains in the thermal shutdown (Power
Limitation) mode. The voltage from the current sense resistor is usually connected through a
10 k
Ω protection resistor to the ADC input of the µC. For the VSENSEH level, the voltage is
limited by the µC internal ESD protection (~5.6 V) and the ADC shows maximum value
(0xFF in case of 8 bit resolution). The capacitor CF is used to improve the accuracy of the
ADC. This capacitor plus a 10 k
Ω serial resistor function as a low pass filter (>10 kHz) for
potential HF noise on the CSENSE line (especially if there is a long wire route to the
microcontroller).
Figure 28.
Current sense resistor
The RSENSE value definition example:
Consider the VN5016AJ (16 m
Ω) with a nominal load current IN = 5 A@VSENSE = 2 V and
typ K = 5000 (datasheet):
V
SENSE
R
SENSE ISENSE
⋅
R
SEN SE
I
OUT
K
------------- V
[]
⋅
==
R
SENSE
K
V
SENSE
I
OU T
-----------------------
⋅
5000
2
5
---
⋅
2
κΩ
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com