Electronic Components Datasheet Search
  English  ▼

X  

UM1556 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 26Page - STMicroelectronics UM1556 Datasheet HTML 27Page - STMicroelectronics UM1556 Datasheet HTML 28Page - STMicroelectronics UM1556 Datasheet HTML 29Page - STMicroelectronics UM1556 Datasheet HTML 30Page - STMicroelectronics UM1556 Datasheet HTML 31Page - STMicroelectronics UM1556 Datasheet HTML 32Page - STMicroelectronics UM1556 Datasheet HTML 33Page - STMicroelectronics UM1556 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
Analogue current sense
UM1556
30/87
Doc ID 023520 Rev 2
Figure 29.
Switchable current sense resistor – example
2.7.3
K-factor calibration method
In order to reduce the VSENSE spread, it is possible to reduce the K spread and eliminate the
RSENSE variation by adding a simple test (calibration test) at the end of the module
production line.
How the calibration works
“To calibrate” on a specific device soldered in a module signifies measuring the K ratio at a
given output current by a VSENSE reading. Since the relation of IOUT =ISENSE × K is known,
it is straightforward to calculate the K ratio. However, even if the K ratio measured at a single
point eliminates the parametric spread, it doesn't eliminate the VSENSE variation due to the K
variation produced by the output current variation.
This variation can be eliminated given the following considerations:
Table 7 and Figure 30 show a VSENSE measurement in a random VND5E025AK with
RSENSE =1.8 kΩ.
Table 7.
VSENSE measurement
IOUT[A]
VSENSE[V]
10.64
21.29
31.99
42.69
53.39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com