Electronic Components Datasheet Search
  English  ▼

X  

UM1556 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 10Page - STMicroelectronics UM1556 Datasheet HTML 11Page - STMicroelectronics UM1556 Datasheet HTML 12Page - STMicroelectronics UM1556 Datasheet HTML 13Page - STMicroelectronics UM1556 Datasheet HTML 14Page - STMicroelectronics UM1556 Datasheet HTML 15Page - STMicroelectronics UM1556 Datasheet HTML 16Page - STMicroelectronics UM1556 Datasheet HTML 17Page - STMicroelectronics UM1556 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
General items
UM1556
14/87
Doc ID 023520 Rev 2
Reverse battery protection using MOSFET
Figure 9.
Voltage levels during reverse battery – MOSFET protection
The HSD is protected by a MOSFET which is switched-off during reverse battery conditions.
This MOSFET circuitry also provides full ISO pulse clamping at supply line and causes no
ground level shift. A capacitor between gate and source keeps the gate charged during
negative ISO pulses as well. The time constant given by RC values should be longer than
2 ms (duration of reverse battery protection (monolithic HSDs only) - comparison of negative
ISO7637 pulse 1).
Table 2.
Reverse battery protection (of monolithic HSDs only) – comparison
Protection type
(monolithic HSD)
+-
Resistor
– Any type of load.
– Voltage drop fluctuation.
– Calculation of R value necessary.
– Positive and negative ISO-pulse
transfer to input and diagnostics pin
(serial protection resistors
necessary).
– Relatively high power dissipation on
the RGND (~1 W) during reverse
conditions
 higher price of the
resistor
– Device turns-off in case of positive
ISO pulses
Diode
– Fixed voltage drop.
– Positive ISO-pulse clamping
(> 50 V).
– Resistive load only.
– Negative ISO-pulse transfer to input
and diagnostics pin (serial
protection resistors necessary).
Rgnd
GND
GND
HSD
D
GND
GND
HSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com