Electronic Components Datasheet Search
  English  ▼

X  

UM1556 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 21Page - STMicroelectronics UM1556 Datasheet HTML 22Page - STMicroelectronics UM1556 Datasheet HTML 23Page - STMicroelectronics UM1556 Datasheet HTML 24Page - STMicroelectronics UM1556 Datasheet HTML 25Page - STMicroelectronics UM1556 Datasheet HTML 26Page - STMicroelectronics UM1556 Datasheet HTML 27Page - STMicroelectronics UM1556 Datasheet HTML 28Page - STMicroelectronics UM1556 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
UM1556
Analogue current sense
Doc ID 023520 Rev 2
25/87
encloses the geometric ratio, the current sense amplifier offset and various process
parameter spreads.
Care must be taken in order to ensure the ISENSE is proportional to IOUT. Indeed, the
maximum drop across the RSENSE is internally limited to approx. 7.5 V as specified in the
datasheet by the parameter VSENSE “maximum analog sense output voltage” (5 V minimum
@ 8 V <Vcc <16 V; -40°C < Tj <150 °C)
.
Example 1: VND5025AK with RSENSE selected to have VSENSE =1.5 V @ IOUT = 3 A
Considering (for sake of simplicity) K2 @ 3 A = 2790 (typical value) → ISENSE =1 mA→
RSENSE =1.5 k
Assuming a typical VSENSE saturation of 7.5 V → maximum ISENSE = 5 mA to maintain
linearity
→ maximum IOUT =14 A.
In other words, with the selected RSENSE any load current greater than 14 A produces
the same VSENSE (see Figure 26).
Figure 26.
VSENSE vs IOUT
On the other hand, care must be taken to prevent the P channel MOSFET M1 from
saturation, causing the ISENSE to again be disproportional with IOUT. This normally happens
when the maximum current that M1 is able to supply is reached (11 mA typ.)
This value is consistent with the current sense operating range and current limitation value.
Example 2: VND5025AK with RSENSE selected in order to have VSENSE =1.5 V @ IOUT
=10 A
Considering (for sake of simplicity) K3 @ 10 A = 2760 (typical value)
→ ISENSE =
3.6 mA
→ RSENSE = 414 Ω
Assuming K to remain approx. 2760 for IOUT > 10 A, the maximum load current which
can be detected is:
Main
DS
sense
ds
R
R
K
_
_
/
∝



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com