Electronic Components Datasheet Search
  English  ▼

X  

UM1556 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 25Page - STMicroelectronics UM1556 Datasheet HTML 26Page - STMicroelectronics UM1556 Datasheet HTML 27Page - STMicroelectronics UM1556 Datasheet HTML 28Page - STMicroelectronics UM1556 Datasheet HTML 29Page - STMicroelectronics UM1556 Datasheet HTML 30Page - STMicroelectronics UM1556 Datasheet HTML 31Page - STMicroelectronics UM1556 Datasheet HTML 32Page - STMicroelectronics UM1556 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
UM1556
Analogue current sense
Doc ID 023520 Rev 2
29/87
2.7
Diagnostics with different load configurations
2.7.1
Diagnostics with paralleled loads
A HSD with current sensing allows the detection of individual bulb failures when in a parallel
arrangement. However, if we consider the bulb wattage spread, the HSD K-factor tolerance,
variations of bulb currents vs. VBAT and ADC resolution, it is clear that accurate failure
determination can be difficult in some cases. For example, if there is a largeand small bulb
on the output, the detection limit for the lowest power bulb is lost in the tolerances.
In order to achieve better current sense accuracy, one or both of the strategies listed below
can be adopted:
1.
Current sense calibration (K-factor measurement) of each HSD
2.
VBAT measurement →bulb current compensation by appropriate software
2.7.2
Diagnostics with different load options
In some cases, the requirement profile asks for alternative loads to be driven with one and
the same High Side Driver. These load alternatives may be a bulb lamp alternating with an
LED (-cluster). In this case the driver:
●
must handle the high inrush current of the bulb load
●
must provide sufficiently low power dissipation during continuous operation
●
must not indicate an open load in case an LED (-cluster) is applied instead of a bulb.
M0-5 drivers today offer an open load threshold (in case of drivers with digital status output)
that is usually low enough to prevent an open load detection in case an LED is connected.
If an analog current sense device is used, different sense resistors have to be used in order
to have the current sense band in the appropriate range matching the different load
currents.
An example of a current sense resistor switching circuit can be seen in the Figure 29. The
measured scale can be extended by RSENSE1, switched in parallel to RSENSE2 by MOSFET
Q1.
Table 6.
Paralleling bulbs – overview
5+5W
OK without calibration
7+7W
21+21W
27+27W
21+5W
Calibration and VBAT monitoring recommended
27+7W
21+21+5W
Calibration and VBAT monitoring necessary
27+27+7W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com