Electronic Components Datasheet Search
  English  ▼

X  

UM1556 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 31Page - STMicroelectronics UM1556 Datasheet HTML 32Page - STMicroelectronics UM1556 Datasheet HTML 33Page - STMicroelectronics UM1556 Datasheet HTML 34Page - STMicroelectronics UM1556 Datasheet HTML 35Page - STMicroelectronics UM1556 Datasheet HTML 36Page - STMicroelectronics UM1556 Datasheet HTML 37Page - STMicroelectronics UM1556 Datasheet HTML 38Page - STMicroelectronics UM1556 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
UM1556
Analogue current sense
Doc ID 023520 Rev 2
35/87
Figure 31.
VND5012A current sense voltage behavior – hard short to GND occurred
(20 m
Ω), thermal shutdown was reached 344 ms after short-circuit to
GND
2.9
Open load detection in off-state – external circuitry for
analogue M0-5 HSD
The following schematic shows a simple way to perform an open-load diagnostics in off-
state for analogue HSDs. In case of a missing load in off-state the RSENSE resistor is
supplied through R5, R6 and D1. Then the voltage increase on RSENSE is about 2 V (divider
R5, R6, RSENSE), which can be recognized by a µC as open-load in off-state.
In on-state conditions (or if current sense disable signal is high) the influence of R5, R6 is
suppressed by the conducting transistor T1 (anode of D1 is shorted to GND).
GAPGMS00108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com