Electronic Components Datasheet Search
  English  ▼

X  

UM1556 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 37Page - STMicroelectronics UM1556 Datasheet HTML 38Page - STMicroelectronics UM1556 Datasheet HTML 39Page - STMicroelectronics UM1556 Datasheet HTML 40Page - STMicroelectronics UM1556 Datasheet HTML 41Page - STMicroelectronics UM1556 Datasheet HTML 42Page - STMicroelectronics UM1556 Datasheet HTML 43Page - STMicroelectronics UM1556 Datasheet HTML 44Page - STMicroelectronics UM1556 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
UM1556
Switching inductive loads
Doc ID 023520 Rev 2
41/87
direction. This voltage (so called demagnetization voltage) is limited to the value given by
the clamping voltage of the HSD and the battery voltage:
Equation 11
The load current decays exponentially (linearly if R
→0) and reaches zero when all energy
stored in the inductor is dissipated in the HSD and the load resistance.
Since the HSD output clamp is related to the VBAT pin, the energy absorbed by the HSD
increases with increasing battery voltage (the battery is in series with the high side switch
and load so the energy contribution of the battery increases with the battery voltage).
4.2.1
Calculation of energy dissipated in the HSD
The energy dissipated in the High Side Driver is given by the integral of the actual power on
the MOSFET through the demagnetization time:
To integrate the above formula we need to know the current response iOUT(t) and the
demagnetization time TDEMAG. The IOUT(t) can be obtained from the well known formula,
R/L circuit current response using the initial current I0 and the final current VDEMAG/R
considering iOUT >= 0 condition (see Figure 37):
(0 < t < TDEMAG→ iOUT ≥ 0)
Inserting i(t) = 0 we can calculate the demagnetization time:
Equation 12
Equation 13
V
DEMAG
V
BAT
V
CLAM P=
–
=
13V - 46V typ.
=
E
HSD
V
CLAMP
0
T
DEMAG
i
OU T(t)dt
⋅
=
I
OUT(t)
I
0
I
0
V
DEMAG
R
---------------------------
+


1e
tR
–
L
---------
–



⋅



–
=
T
DEMAG
L
R
----
V
DEMAG
I
0 R
⋅
+
V
DEMAG
-----------------------------------------------



log
⋅
=
T
DEMAG
R0
→
lim
L
I
0
V
DEMAG
------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com