Electronic Components Datasheet Search
  English  ▼

X  

UM1556 Datasheet(PDF) 78 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 74Page - STMicroelectronics UM1556 Datasheet HTML 75Page - STMicroelectronics UM1556 Datasheet HTML 76Page - STMicroelectronics UM1556 Datasheet HTML 77Page - STMicroelectronics UM1556 Datasheet HTML 78Page - STMicroelectronics UM1556 Datasheet HTML 79Page - STMicroelectronics UM1556 Datasheet HTML 80Page - STMicroelectronics UM1556 Datasheet HTML 81Page - STMicroelectronics UM1556 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 87 page
background image
Paralleling of HSDs
UM1556
78/87
Doc ID 023520 Rev 2
Figure 61.
Direct connection of CS pins (not recommended) – Hybrid HSD
Direct connection of CS pins is not safe in following cases:
●
Loss of Vbat1 or Vbat2
●
Loss of GND connection
Loss of either Vbat1 or Vbat2 leads to an incorrect current sense signal. If Vbat2 is lost, U2
logic part is supplied by U1 current sense signal through the internal Vcc-CS clamp
structure. Therefore the voltage on CS bus drops and we no longer have an accurate
VSENSE reading.
If the GND connection of one device is lost, positive as well as negative ISO pulses on the
associated supply line are no longer clamped (considering no other devices connected on
this supply line). If the transient voltage is high enough to activate involved clamp structures,
there may be an unlimited current flow between both supply lines through the CS pins. This
current can lead to malfunction or even failure of one or both of the HSDs.
In order to ensure a valid current sense signal and to protect devices in all previously
described cases, we can add a diode in series to each CS pin (as previously described in
the case of monolithic devices – see Section 6.2.1: Monolithic HSDs supplied from different
supply lines).
6.2.3
Mix of monolithic and hybrid HSDs supplied from different supply lines
Paralleling CS pins of monolithic and hybrid HSDs is possible, however some precautions in
schematics should be applied if the HSDs are supplied from different supply lines. Direct
connection of CS pins (as shown in Figure 62) is not safe.
IN
Logic
OUT
CS
CS_DIS
GND
Vcc
Reverse
Bat. Prot.
Pwr Clamp
U2
IN
Logic
OUT
CS
CS_DIS
GND
Vcc
Reverse
Bat. Prot.
Pwr Clamp
U1
GND
GND
Vbat1
GND
100nF/50V
Vbat2
GND
100nF/50V
GND
Rsense
GND
ADC_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com