Electronic Components Datasheet Search
  English  ▼

X  

AN1842 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1842 Datasheet HTML 2Page - STMicroelectronics AN1842 Datasheet HTML 3Page - STMicroelectronics AN1842 Datasheet HTML 4Page - STMicroelectronics AN1842 Datasheet HTML 5Page - STMicroelectronics AN1842 Datasheet HTML 6Page - STMicroelectronics AN1842 Datasheet HTML 7Page - STMicroelectronics AN1842 Datasheet HTML 8Page - STMicroelectronics AN1842 Datasheet HTML 9Page - STMicroelectronics AN1842 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AN1842 APPLICATION NOTE
6/17
Standby operation
Like in the previous section, the output voltages and the efficiency have been checked, and the input pow-
er has been measured. It is clearly visible that with the required standby load (5V@30mA, 12V@0mA)
the input power consumption is well below 800mW at both the input voltage ranges. Besides, the cir-
cuit has been characterised at both the nominal input voltage values for different output load and the effi-
ciency is high in all conditions. In the fig. 8, it is shown the output voltage variation as a function of the 5V
current.
During the standby operation the circuit works at reduced frequency, according to load and input voltage
therefore, thanks to this function, the switching losses are minimized. This allows reaching very low stand-
by consumption because in a power switch the switching and the capacitive losses are directly proportion-
al to the working frequency.
5V ± 2%
12V ± 10%
TOLERANCE
230 Vac
Vout
[V]
@Iout
[A]
Vout
[V]
@Iout
[A]
PoutTOT
[W]
Pin
[W]
Efficiency
Vaux
[V]
fs
[KHz]
5.106
2
12.09
4
OK
58.57
69.3
84.5%
17.7
51
5.107
2
12.23
3
OK
46.90
55.3
84.8%
17.3
51
5.109
2
12.40
2
OK
35.02
41.2
85.0%
16.9
51
5.110
2
12.74
1
OK
22.96
27.6
83.2%
16.6
51
5.110
2
13.12
0.5
OK
16.78
20.8
80.7%
16.6
51
5.108
1
11.85
4
OK
52.51
63.9
82.2%
17.5
51
5.108
1
12.00
3
OK
41.11
49.4
83.2%
16.7
51
5.110
1
12.15
2
OK
29.41
35.0
84.0%
16.2
51
5.112
1
12.39
1
OK
17.50
21.0
83.3%
15.9
51
5.112
1
12.66
0.5
OK
11.44
14.0
81.7%
15.9
51
5V
115 Vac
Vout [V]
@Iout [mA]
PoutTOT [W]
Pin [W]
Efficiency
5.11
20
0.102
0.433
23.6%
5.11
30
0.153
0.515
29.8%
5.11
40
0.204
0.593
34.5%
5.11
50
0.256
0.667
38.3%
5.11
60
0.307
0.745
41.1%
5.11
80
0.409
0.881
46.4%
5.11
100
0.511
1.021
50.1%
5V
230Vac
5.11
20
0.102
0.493
20.7%
5.11
30
0.153
0.582
26.3%
5.11
40
0.204
0.672
30.4%
5.11
50
0.256
0.755
33.8%
5.11
60
0.307
0.842
36.4%
5.11
80
0.409
1.008
40.6%
5.11
100
0.511
1.168
43.8%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com