Electronic Components Datasheet Search
  English  ▼

X  

AN1842 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1842 Datasheet HTML 7Page - STMicroelectronics AN1842 Datasheet HTML 8Page - STMicroelectronics AN1842 Datasheet HTML 9Page - STMicroelectronics AN1842 Datasheet HTML 10Page - STMicroelectronics AN1842 Datasheet HTML 11Page - STMicroelectronics AN1842 Datasheet HTML 12Page - STMicroelectronics AN1842 Datasheet HTML 13Page - STMicroelectronics AN1842 Datasheet HTML 14Page - STMicroelectronics AN1842 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
AN1842 APPLICATION NOTE
Figure 22. Short circuit on 5V @265 VAC - 50Hz
- standby load
Figure 23. Short circuit on 12V @265 VAC -
50Hz - standby load
The main circuit parameter measurements have
been done also during the test at reduced load or
standby. In detail, during standby short it is possi-
ble to check the perfect functionality of the protec-
tion. This load condition in fact, is critical because
all the power available from the converter can be
delivered to one output only, because the others
are lightly loaded or unloaded, and this can bring
to the destruction of the rectifier of the shorted out-
put. Besides, during standby operation, the trans-
former coupling and the leakage inductance may
be capable of supplying the controller charging the
VDD capacitor by the spikes generated at Mosfet
turn-off, preventing the hiccup mode. To avoid
this, the circuit around Q2 and Q3 has been add-
ed, providing the hiccup mode anyway. As visible
in the pictures, the SMPS is always protected even
in this very critical load condition.
Over Voltage Protection
The open-loop operation is a very dangerous
event that could happen in case of a feedback cir-
cuitry failure. In this case, the SMPS output voltag-
es can increase up to dangerous
values,
depending on the load by each output and the
transformer coupling between the windings. Thus,
if the circuit is not properly protected, the rectifiers
and the output capacitors can be overstressed and
be destroyed or even worse, to catch light. To
avoid this, the safety rules ask that the SMPS have
a protection against the mentioned safety risks. In
the proposed circuit, in case of a control loop fail-
ure, a L5991 internal comparator stops the control-
ler operation when the voltage at pin 14 (DIS)
reaches 2.5V and remains latched until the Vcc
voltage decreases below the UVLO threshold. So,
a very safe protection with the L5991 is realized
just by means of few passive components.
The circuit has been tested opening the loop, the
output voltages have been measured giving the
following results overall the mains input voltage
range:
As shown in the table, in both conditions the mea-
sured voltages are not critical for the circuitry.
Conducted Noise Measurements (Pre-Compli-
ance Test)
The following pictures are the peak conducted
noise measurements at full load and nominal
mains voltages. The limits shown on the diagrams
are those specified by the EN55022 CLASS-B,
which is the most widely used for Information
Technology Equipment intended for domestic use,
in the bandwidth 150KHz 30MHz. The filter config-
uration used is the 2-wires one, without the ground
connection at mains plug, suitable for domestic
equipment like LCD-TVs. As visible on the dia-
grams, there is a good margin between the peak
measures with respect to the AVG limits (lower
ones), and this assures that the QP and Average
measures will be within their respective limits.
CH1:
VQ4 - Drain
CH2:
VPIN8 (Vcc)
CH4:
+5V current in short circuit
CH1:
VQ4 - Drain
CH2:
VPIN8 (Vcc)
CH4:
+5V current in short circuit
230Vac – 50Hz
@FULL LOAD
230Vac – 50Hz
@STANDBY
5V @ 2A
12V @ 4A
5V @ 0.03A
12V @0A
V5V: 5.7V
V12V: 13.5V
V5V: 6.24V
V12V: 15.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com