Electronic Components Datasheet Search
  English  ▼

X  

AN1842 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1842 Datasheet HTML 4Page - STMicroelectronics AN1842 Datasheet HTML 5Page - STMicroelectronics AN1842 Datasheet HTML 6Page - STMicroelectronics AN1842 Datasheet HTML 7Page - STMicroelectronics AN1842 Datasheet HTML 8Page - STMicroelectronics AN1842 Datasheet HTML 9Page - STMicroelectronics AN1842 Datasheet HTML 10Page - STMicroelectronics AN1842 Datasheet HTML 11Page - STMicroelectronics AN1842 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AN1842 APPLICATION NOTE
8/17
Figure 12. +5V Dynamic load 1.5 ÷ 2A, 70Hz
+12V: FULL LOAD - @115 VAC - 60Hz
In Figure 13 it is reported the response of the out-
put voltages for a load variation of the 12V output
as detailed on top of the picture. The measure-
ment has been done varying the 12V load from
50% to 100% load: the voltage variation is around
340mV and the 5V output is almost unaffected.
Therefore, the conclusion is that there is no abnor-
mal behaviour of the SMPS generated by a load
change, allowing a good confidence for the inte-
gration of the SMPS in the equipment.
Figure 13. +12V Dynamic load 2 ÷ 4A, 70Hz
+5V: FULL LOAD - @115 VAC - 60Hz
Start-Up Behaviour @full load and Wake-up time
In figure14 the wake-up time is measured at the
lower nominal input mains and the controller start-
up sequence is shown.
The Vcc capacitor is
charged by the charge pump circuit and when its
voltage reaches the start-up threshold the device
starts to operate and the output voltages begin to
rise up to the nominal value, where the control
loop provides for the regulation. The wake-up time
at 115Vac is 1.2 s, which is a quite typical time for
this kind of Power Supplies. Besides, on the pic-
ture it is clearly visible that no any overshoot, un-
dershoot, dip or lost of control happens during the
power supply start-up phase.
Figure 14. Wake-up time @115 VAC - 60Hz
Figure 15. Start-Up Behaviours @full load -
@90 VAC - 60Hz
In the above picture the rising slopes at full load of
the output voltages at minimum input mains volt-
age are captured and the rise time is measured.
As shown in the pictures, the rising time is mono-
tonic and it is almost constant overall the input
mains range. No any overshoot or abnormal be-
haviour is present overall the input main range.
CH3:
+5 Vout
CH4:
+12 Vout
CH3:
+5 Vout
CH4:
+12 Vout
CH1:
VQ4 - Drain
CH2:
VPIN8 (VCC)
CH3:
+5 Vout
CH4:
+12 Vout
CH3:
+5 Vout
CH4:
+12 Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com