Electronic Components Datasheet Search
  English  ▼

X  

AN1842 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1842 Datasheet HTML 3Page - STMicroelectronics AN1842 Datasheet HTML 4Page - STMicroelectronics AN1842 Datasheet HTML 5Page - STMicroelectronics AN1842 Datasheet HTML 6Page - STMicroelectronics AN1842 Datasheet HTML 7Page - STMicroelectronics AN1842 Datasheet HTML 8Page - STMicroelectronics AN1842 Datasheet HTML 9Page - STMicroelectronics AN1842 Datasheet HTML 10Page - STMicroelectronics AN1842 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
AN1842 APPLICATION NOTE
Figure 8. INPUT POWER @LOW LOAD
Here following, in figures 9 ad 10 some waveforms
during standby are shown:
Figure 9. Standby @115 VAC - 60Hz 5V @50mA
load
Figure 10. Standby @230 VAC - 50Hz 5V @
50mA load
Output voltage ripple @full load
Figure 11. Output voltage ripple @Vin = 115
Vac - 60 Hz and full load
In figure 11 the output voltage ripples at switching
frequency are measured.
As shown, the ripple
and the spikes are very low thanks to the addition-
al LC filters added on both output and avoiding the
use of bigger or expensive output capacitors.
The residual line frequency modulation is very low
at any input voltage.
Dynamic Load Tests
Figure 12 shows the output voltage regulation for
a dynamic load variation of the 5V output.
As
shown in the picture the voltage variation and the
response time are very good showing a good loop
behaviour. In fact, the 5V voltage variation is less
than 20mV (0,4%), and the spikes during the load
transition, due to the filter inductor on the output,
are only 75mV beyond the steady state (1,5%).
The measured recovery time is few tens of micro-
seconds. The variations induced on the 12V out-
put have been also checked without showing any
abnormal variation. Besides, the circuit response
has been verified at minimum, nominal and maxi-
mum input voltage, showing no significant change.
0.000
0.200
0.400
0.600
0.800
1.000
1.200
20
30
40
50
60
80
100
Iout +5V [mA]
Pin @115Vac
Pin@220Vac
CH1:
VQ4 - Drain
CH2:
VPIN8 (Vcc)
CH4:
VPIN6 (Comp)
CH1:
VQ4 - Drain
CH2:
VPIN8 (Vcc)
CH4:
VPIN6 (Comp)
CH3:
+5V Output voltage
CH4:
+12V Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com