Electronic Components Datasheet Search
  English  ▼

X  

AN1842 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1842 Datasheet HTML 8Page - STMicroelectronics AN1842 Datasheet HTML 9Page - STMicroelectronics AN1842 Datasheet HTML 10Page - STMicroelectronics AN1842 Datasheet HTML 11Page - STMicroelectronics AN1842 Datasheet HTML 12Page - STMicroelectronics AN1842 Datasheet HTML 13Page - STMicroelectronics AN1842 Datasheet HTML 14Page - STMicroelectronics AN1842 Datasheet HTML 15Page - STMicroelectronics AN1842 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AN1842 APPLICATION NOTE
12/17
Figure 24. EN55022 Class-B Peak Measure
@115 VAC - 60Hz - FULL LOAD
Figure 25. EN55022 Class-B Peak Measure 230
VAC - 50Hz - FULL LOAD
Thermal measures
In order to check the reliability of the design a thermal mapping by means of an IR camera has been done.
In the table here below the temperature of some salient components is reported at 115Vac and 230Vac
input voltage, at ambient temperature (24°C).
As visible in the above table there are not component working at a temperature level that can be consid-
ered critical for their reliability.
@115Vac
@230Vac
Point
Reference
Description
Temperature
Temperature
A
D9
BRIDGE RECTIFIER
74
°C54°C
B
L2
FILTER COIL
56
°C40°C
CQ4
POWERMOS
70
°C58°C
D
T1
POWER TRANSF.
53
°C56°C
E
D16
+5V RECTIFIER
61
°C60°C
F
D13
+12V RECTIFIER
64
°C64°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com