Electronic Components Datasheet Search
  English  ▼

X  

AN1842 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1842 Datasheet HTML 1Page - STMicroelectronics AN1842 Datasheet HTML 2Page - STMicroelectronics AN1842 Datasheet HTML 3Page - STMicroelectronics AN1842 Datasheet HTML 4Page - STMicroelectronics AN1842 Datasheet HTML 5Page - STMicroelectronics AN1842 Datasheet HTML 6Page - STMicroelectronics AN1842 Datasheet HTML 7Page - STMicroelectronics AN1842 Datasheet HTML 8Page - STMicroelectronics AN1842 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
AN1842
APPLICATION NOTE
January 2004
Introduction
The LCD monitors and TVs are growing very fast, so to support this kind of applications, a dedicated ref-
erence design has been developed, taking into account all the requirements that are needed.
The proposed reference design can supply an LCD monitor or an LCD-TV as well, up to 22" panels, to-
gether with multimedia functions like audio. The SMPS accepts a full range input voltage and delivers 2
output voltages, a 5V dedicated to the scaler and
µP, and a 12V dedicated to the backlight and audio. The
required standby power consumption is 0.8W at 230Vac, in order to satisfy the worldwide power saving
rules. The circuit is also fully protected against faults like output short circuit or over voltage. The market
cost pressure has requested a design approach with particular attention to the solution cost. The board
technology used is the standard thru-hole, but it can be changed very easily in SMT because most of com-
ponents are available also in this technology. The circuit has been tested deeply in all the most salient
aspects with positive results and it has been integrated with a 22" LCD-TV application without showing
any problem.
Main characteristics
INPUT VOLTAGE:
90 ÷ 265 Vrms - 45-66 Hz
OUTPUT VOLTAGES:
5.1V
±2% - @2A Dedicated to panel and digital circuitry for scaling
12V
±10% - @4A Dedicated to backlight lamp inverters, audio and SCART
STANDBY
Input power less than 0.8W @230Vac, delivering 30mA on 5.1V
FAULT PROTECTIONS:
Short circuit on each output with auto-restart at short removal, Open loop
Safety&EMC:
Safety: Acc. to EN60950, creepage and clearance minimum distance 6.4mm
EMC: According to EN50022 Class-B
PCB TYPE & SIZE:
Cu Single Side 70
µm, CEM-1, 180 x 89 mm
by Claudio Spini
60W WIDE-RANGE POWER SUPPLY
FOR LCD MONITOR OR TV, USING THE L5991
This document describes a reference design for a 60W Switch Mode Power Supply dedicated to LCD
TV sets or monitors. The board accepts full range input voltage (90 to 265Vrms) and delivers 5V and
12V. It has good efficiency and very good standby performance, able to meet the most stringent
standby rules.


Similar Part No. - AN1842

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN18401A PANASONIC-AN18401A Datasheet
245Kb / 8P
Down Converter IC for GPS
More results

Similar Description - AN1842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
Wide power supply voltage range
logo
Texas Instruments
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
Wide Power Supply Range
logo
Toppower Electronic Tec...
TPCPS-60-XS TOPPOWER-TPCPS-60-XS Datasheet
828Kb / 4P
60W Wide input AC/DC switching power supply
logo
Mean Well Enterprises C...
WDR-60 MEANWELL-WDR-60 Datasheet
182Kb / 4P
60W Ultra Wide Input Industrial DIN Rail Power Supply
logo
Toppower Electronic Tec...
TPC-60-XS TOPPOWER-TPC-60-XS Datasheet
642Kb / 4P
60W Wide input AC/DC switching power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com