Electronic Components Datasheet Search
  English  ▼

X  

AN1842 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1842 Datasheet HTML 1Page - STMicroelectronics AN1842 Datasheet HTML 2Page - STMicroelectronics AN1842 Datasheet HTML 3Page - STMicroelectronics AN1842 Datasheet HTML 4Page - STMicroelectronics AN1842 Datasheet HTML 5Page - STMicroelectronics AN1842 Datasheet HTML 6Page - STMicroelectronics AN1842 Datasheet HTML 7Page - STMicroelectronics AN1842 Datasheet HTML 8Page - STMicroelectronics AN1842 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
AN1842 APPLICATION NOTE
Figure 6. Drain voltage & current @115 VAC -
60Hz - full load
Figure 7. Drain voltage & current @230 VAC -
50Hz - full load
CH2:
VPIN10 (Out)
CH3:
VPIN6 (Comp)
CH4:
VPIN2 (RCT)
CH2:
VPIN10 (Out)
CH3:
VPIN6 (Comp)
CH4:
VPIN2 (RCT)
Cross regulation
In the following tables it has been reported the output voltage cross regulation measurements with static
loads. The overall efficiency of the converter is also calculated at the nominal input voltages.
To check the application circuit it has been tested keeping constant the current on the 5V and varying the
12V load. As visible in both tables, the voltages are within their tolerance at any load condition and the
circuit efficiency is good
.
5V ± 2%
12V ± 10%
TOLERANCE
115 Vac
Vout
[V]
@Iout
[A]
Vout
[V]
@Iout
[A]
PoutTOT
[W]
Pin
[W]
Efficiency
Vaux
[V]
fs
[KHz]
5.106
2
12.11
4
OK
58.65
71.7
81.8%
18.3
51
5.107
2
12.23
3
OK
46.90
56.6
82.9%
17.4
51
5.108
2
12.40
2
OK
35.02
42.1
83.2%
16.7
51
5.110
2
12.72
1
OK
22.94
27.7
82.8%
16.5
51
5.110
2
13.11
0.5
OK
16.78
20.7
81.0%
16.6
51
5.108
1
11.85
4
OK
52.51
63.9
82.2%
17.5
51
5.108
1
12.00
3
OK
41.11
49.4
83.2%
16.7
51
5.110
1
12.15
2
OK
29.41
35.0
84.0%
16.2
51
5.112
1
12.39
1
OK
17.50
21.0
83.3%
15.9
51
5.112
1
12.66
0.5
OK
11.44
14.0
81.7%
15.9
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com