Electronic Components Datasheet Search
  English  ▼

X  

AN1842 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1842 Datasheet HTML 9Page - STMicroelectronics AN1842 Datasheet HTML 10Page - STMicroelectronics AN1842 Datasheet HTML 11Page - STMicroelectronics AN1842 Datasheet HTML 12Page - STMicroelectronics AN1842 Datasheet HTML 13Page - STMicroelectronics AN1842 Datasheet HTML 14Page - STMicroelectronics AN1842 Datasheet HTML 15Page - STMicroelectronics AN1842 Datasheet HTML 16Page - STMicroelectronics AN1842 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners
© 2004 STMicroelectronics - All rights reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
www.st.com
17/17
AN1842 APPLICATION NOTE
Designator
Part Type/
Part Value
Description
Supplier
R27
10R - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R28
82K - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R29
2K43 - 1/4W - 1%
METAL FILM RESISTOR
BEYSCHLAG
R3
470K - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R30
2K43 - 1/4W - 1%
METAL FILM RESISTOR
BEYSCHLAG
R31
1K0 - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R32
47K - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R33
12K - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R34
3K3 - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R35
10K - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R4
470K - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R5
150K - 2W - 5%
POWER RESISTOR 2W
BEYSCHLAG
R6
33R - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R7
RES
NOT MOUNTED
R8
RES
NOT MOUNTED
R9
RES
NOT MOUNTED
T1
2074.5056C
POWER TRANSFORMER
PULSE-ELDOR
U1
L5991
PRIMARY CONTROLLER WITH STANDBY
STMicroelectronics
U2
SFH617A-2
OPTOCOUPLER
INFINEON
U3
TL431ACZ
SHUNT REGULATOR
STMicroelectronics
HEAT SINK FOR Q4 Rth HS-AMB = 15°C/W
P/N 6098B THERMALLOY WITH
CLAMP
HEAT SINK FOR D13 Rth HS-AMB = 10°C/W
P/N 6099B THERMALLOY WITH
CLAMP
Part List (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com