Electronic Components Datasheet Search
  English  ▼

X  

AN1842 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1842 Datasheet HTML 1Page - STMicroelectronics AN1842 Datasheet HTML 2Page - STMicroelectronics AN1842 Datasheet HTML 3Page - STMicroelectronics AN1842 Datasheet HTML 4Page - STMicroelectronics AN1842 Datasheet HTML 5Page - STMicroelectronics AN1842 Datasheet HTML 6Page - STMicroelectronics AN1842 Datasheet HTML 7Page - STMicroelectronics AN1842 Datasheet HTML 8Page - STMicroelectronics AN1842 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AN1842 APPLICATION NOTE
4/17
Figure 2. Drain voltage & current @115 VAC -
60Hz - full load
Figure 3. Drain voltage & current @230 VAC -
50Hz - full load
The pictures here above show the drain voltage
and current at the nominal input mains voltage
during normal operation at full load. As visible, the
circuit works in CCM both at nominal high and low
mains.
The figure 4 shows the measurement of the drain
peak voltage at full load and maximum input mains
voltage. The measured voltage of 672V, ensures
a reliable operation of the MOSFET with a good
margin against the maximum BVDSS. Even the
maximum rectifiers PIV have been measured dur-
ing the worst operating condition and they are in-
dicated on the right of figure 5. The margin, with
respect to the maximum voltage withstood by each
diode, ensures safe operating conditions for these
devices.
Figure 4. Drain voltage & current @265 VAC -
50Hz - full load
Figure 5. Maximum rectifiers PIV @Vin = 265
VAC - 50 Hz and full load
Here following the most salient controller IC sig-
nals are shown. In both pictures it is possible to
distinguish clean waveforms free of hard spikes or
noise that could affect the controller correct oper-
ation.
CH1:
VQ4 - Drain
CH2:
VPIN8 (Vcc)
CH4:
VR16 (Drain Current)
CH1:
VQ4 - Drain
CH2:
VPIN8 (Vcc)
CH4:
VR16 (Drain Current)
CH1:
VQ4 - Drain
CH2:
VPIN8 (Vcc)
CH4:
VR16 (Drain Current)
CH3:
+5V RECTIFIER: Anode voltage
CH4:
+12V RECTIFIER: Anode voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com