Electronic Components Datasheet Search
  English  ▼

X  

AN1842 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN1842 Datasheet HTML 9Page - STMicroelectronics AN1842 Datasheet HTML 10Page - STMicroelectronics AN1842 Datasheet HTML 11Page - STMicroelectronics AN1842 Datasheet HTML 12Page - STMicroelectronics AN1842 Datasheet HTML 13Page - STMicroelectronics AN1842 Datasheet HTML 14Page - STMicroelectronics AN1842 Datasheet HTML 15Page - STMicroelectronics AN1842 Datasheet HTML 16Page - STMicroelectronics AN1842 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AN1842 APPLICATION NOTE
16/17
Designator
Part Type/
Part Value
Description
Supplier
D15
1N4007
RECTIFIER DIODE
WISHAY
D16
STPS5L40
POWER SCHOTTKY RECT.
STMicroelectronics
D2
1N4148
GEN. PURPOSE DIODE
WISHAY
D3
BAV21
GEN. PURPOSE DIODE
WISHAY
D4
1N4148
GEN. PURPOSE DIODE
WISHAY
D5
1N4148
GEN. PURPOSE DIODE
WISHAY
D6
BAV21
GEN. PURPOSE DIODE
WISHAY
D7
1N4148
GEN. PURPOSE DIODE
WISHAY
D8
1N4148
GEN. PURPOSE DIODE
WISHAY
D9
2KBP06M
BRIDGE RECTIFIER
WISHAY
F1
FUSE T2A
FUSE 2 AMP. TIME DELAY
WICKMANN
J1
INPUT CONNECTOR, 2/3 POLES, 7.5MM
MOLEX
J2
OUTPUT CONNECTOR, 9 POLES, 2.54MM
MOLEX
JP1
JUMPER
WIRE JUMPER
JP2
RES
NOT MOUNTED
L1
RES
NOT MOUNTED
L2
253Y1R2
25mH-1.2A - CM FILTER INDUCTOR
TDK
L3
2uH-4A
2uH-4A AXIAL FILTER INDUCTOR
B82111 SERIES - EPCOS
L4
10uH
RF AXIAL CHOKE
B78108-S1103-K - EPCOS
L5
2.7uH
DRUM COIL 2.7uH-4A
ELC08D SERIES - PANASONIC
Q1
BC547A
SMALL SIGNAL NPN BJT
STMicroelectronics
Q2
BC547A
SMALL SIGNAL NPN BJT
STMicroelectronics
Q3
BC547A
SMALL SIGNAL NPN BJT
STMicroelectronics
Q4
STP5NK80ZFP
POWER MOSFET
STMicroelectronics
R1
RES
NOT MOUNTED
R10
4K7 - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R101 (D1)
100R - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R11
10K - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R12
12K - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R14
1K0 - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R15
47R - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R16
1R2 - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R17
1R2 - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R18
1R2 - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R19
4K7 - 2W - 5%
POWER RESISTOR 2W
BEYSCHLAG
R2
NTC_10R S236
NTC THERMISTOR
EPCOS
R20
RES
NOT MOUNTED
R21
8K2 - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R22
3K9 - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
R23
6K2 - 1/4W - 1%
METAL FILM RESISTOR
BEYSCHLAG
R24
2K0 - 1/4W - 1%
METAL FILM RESISTOR
BEYSCHLAG
R25
12K - 1/4W - 1%
METAL FILM RESISTOR
BEYSCHLAG
R26
1K5 - 1/4W - 5%
STANDARD FILM RESISTOR
BEYSCHLAG
Part List (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com