Electronic Components Datasheet Search
  English  ▼

X  

AN2432 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2432 Datasheet HTML 3Page - STMicroelectronics AN2432 Datasheet HTML 4Page - STMicroelectronics AN2432 Datasheet HTML 5Page - STMicroelectronics AN2432 Datasheet HTML 6Page - STMicroelectronics AN2432 Datasheet HTML 7Page - STMicroelectronics AN2432 Datasheet HTML 8Page - STMicroelectronics AN2432 Datasheet HTML 9Page - STMicroelectronics AN2432 Datasheet HTML 10Page - STMicroelectronics AN2432 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Adapter features
AN2432
7/27
The self supply circuit (Q2, R33, C23, L3, D6 and C6) ensures:
●
a constant VCC voltage with respect to load variations
●
enough energy during no-load periods
●
a poor (under UVLO) supply voltage during short-circuit failures
A separate rectifying circuit (D11, R19, R28 and C13) derives a voltage level that best
matches the output voltage for accurate overvoltage protection.
As seen, the primary side is quite standard. The most interesting part of this demo board
lies in the secondary side. Here we can find the STSR30, a smart driver for flyback
synchronous rectification (SR). The flyback output diode is substituted with a power
MOSFET (a 75V - 10m
Ω) that dramatically reduces the conduction losses. A small Schottky
diode (D1) is mounted in parallel to the MOSFET body diode to keep low the voltage drop
during dead times (while the SR MOS is off and current is circulating in the secondary).
The STSR30 can work in both Continuous and Discontinuous conduction mode and uses 2
pins to synchronize the SR MOSFET with the flyback. The SR MOSFET drain provides the
synchronization information; when the primary side MOSFET is turned off, the drain voltage
of the SR MOSFET falls from VOUT + VIN/n (where n is the transformer turns ratio n1/n2)
down to zero. This falling edge is sensed by the CK pin and the IC turns on the SR
MOSFET. Behavior varies according to the flyback transformer operating mode:
●
Continuous conduction mode (CCM): the STSR30 uses an internal digital counter to
predict when it has to turn off the SR MOSFET.
●
Discontinuous conduction mode (DCM): the STSR30 senses the voltage on the
INHIBIT pin (that is, Rdson x Isec) and turns off the SR MOSFET when it reaches the
-25mV threshold (i.e. the current is approaching zero).
During CCM operation, a certain amount of anticipation is used to prevent cross-conduction
of Q3 and Q1. This anticipation can be selected among three values by biasing the SETANT
pin. In the demo board, the SETANT voltage is 2.5V so the anticipation is 225ns.
The STSR30 works at 5V so it is necessary to obtain such voltage from the output. A low
cost linear regulator (L78L05) is used. For the same reason the gate drive of the IC has a
high value of 5V so a low threshold (logic level) MOSFET has to be used.
Another interesting feature of the STSR30 is its disable input. This is useful at low loads to
turn off the IC and reduce its power consumption. In this condition, the Schottky diode D1
works like in a standard flyback. The information on the load level is obtained by averaging
the voltage on the CK pin using R6, R15 and C4. The CK pin is low (~ 0V) only when the
current in the secondary winding is flowing (SR MOSFET on). Otherwise, the pin is pulled
up at 5V. As the load decreases, the average voltage on CK pin becomes higher and higher.
This voltage level is monitored by the last IC used, the TSM1015, a CV/CC controller that
includes a voltage reference and two op-amps. The reference and the CV op-amp are used
for the voltage control loop of the converter. The CC op-amp is not used for the current
control loop but it acts as a comparator to sense the average voltage of the CK pin. At light
loads, the CK voltage exceeds the threshold (VREF) and the TSM1015 turns off the
STSR30. By adding a little hysteresis (using R40), the DISABLE pin of the STSR30 is driven
digitally with a good noise rejection.
The next two pictures show some waveforms during normal operation at full load. It is
possible to see that the converter operates in CCM at 115 VRMS and in DCM at 230 VRMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com