Electronic Components Datasheet Search
  English  ▼

X  

AN2432 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2432 Datasheet HTML 6Page - STMicroelectronics AN2432 Datasheet HTML 7Page - STMicroelectronics AN2432 Datasheet HTML 8Page - STMicroelectronics AN2432 Datasheet HTML 9Page - STMicroelectronics AN2432 Datasheet HTML 10Page - STMicroelectronics AN2432 Datasheet HTML 11Page - STMicroelectronics AN2432 Datasheet HTML 12Page - STMicroelectronics AN2432 Datasheet HTML 13Page - STMicroelectronics AN2432 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
AN2432
Electrical performance
10/27
2
Electrical performance
Table 1 shows the output voltage values at different input voltage and load amount
conditions. Thanks to the good regulation, the maximum deviation is only about 10mV.
In the next tables there are efficiency measurements taken at the two nominal voltages.
Table 1.
Line and load regulation
VOUT[V]
Input voltage [VRMS]
Output load [A]
88
115
230
264
0
11.97
11.97
11.97
11.97
1
11.97
11.97
11.97
11.98
3
11.98
11.98
11.98
11.98
5
11.98
11.98
11.98
11.98
Table 2.
Efficiency at 115VRMS
Load [A]
PIN [W]
IIN [A]
POUT [W]
Eff [%]
1.00
13.82
0.247
11.96
86.54
1.25
17.25
0.299
14.96
86.72
2.00
27.3
0.453
23.95
87.73
2.50
34.04
0.553
29.94
87.96
3.00
40.77
0.650
35.99
88.28
3.75
51.57
0.801
44.81
86.89
4.00
55.08
0.851
47.89
86.95
5.00
69.27
1.043
59.88
86.44
Table 3.
Efficiency at 230VRMS
Load [A]
PIN [W]
IIN [A]
POUT [W]
Eff [%]
1.00
13.95
0.156
11.95
85.66
1.25
17.41
0.188
14.95
85.87
2.00
27.60
0.283
23.94
86.74
2.50
34.35
0.342
29.93
87.13
3.00
40.45
0.398
35.99
88.97
3.75
50.18
0.479
44.81
89.30
4.00
54.03
0.515
47.89
88.63
5.00
67.05
0.625
59.93
89.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com