Electronic Components Datasheet Search
  English  ▼

X  

AN2432 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2432 Datasheet HTML 10Page - STMicroelectronics AN2432 Datasheet HTML 11Page - STMicroelectronics AN2432 Datasheet HTML 12Page - STMicroelectronics AN2432 Datasheet HTML 13Page - STMicroelectronics AN2432 Datasheet HTML 14Page - STMicroelectronics AN2432 Datasheet HTML 15Page - STMicroelectronics AN2432 Datasheet HTML 16Page - STMicroelectronics AN2432 Datasheet HTML 17Page - STMicroelectronics AN2432 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
AN2432
Functional check
14/27
3.3
Power-down
Unplugging the adapter from the mains, the self supply and output voltages have clean
transition without restart trials or glitches. Figure 15 and Figure 16 show the power-down
waveforms at full load. It is possible to measure the hold-up time that, in the worst case
(115VAC), is approximately 16ms.
Figure 13.
Wake-up at 115VAC - 60Hz
Figure 14.
Wake-up at 230VAC - 50Hz
CH1: Q3 drain voltage
CH2: Output voltage
CH3: Self supply voltage
CH1: Q3 drain voltage
CH2: Output voltage
CH3: Self supply voltage
Figure 15.
Power-down at 115VAC - 60Hz
Figure 16.
Power-down at 230VAC - 50Hz
CH1: Q3 drain voltage
CH2: Output voltage
CH3: Self supply voltage
CH1: Q3 drain voltage
CH2: Output voltage
CH3: Self supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com