Electronic Components Datasheet Search
  English  ▼

X  

AN2432 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2432 Datasheet HTML 5Page - STMicroelectronics AN2432 Datasheet HTML 6Page - STMicroelectronics AN2432 Datasheet HTML 7Page - STMicroelectronics AN2432 Datasheet HTML 8Page - STMicroelectronics AN2432 Datasheet HTML 9Page - STMicroelectronics AN2432 Datasheet HTML 10Page - STMicroelectronics AN2432 Datasheet HTML 11Page - STMicroelectronics AN2432 Datasheet HTML 12Page - STMicroelectronics AN2432 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Adapter features
AN2432
9/27
In DCM operation, the gate-drive turn-on is still triggered by the falling edge of the CK pin
voltage, while turn-off is determined by the INHIBIT pin voltage crossing the -25mV internal
threshold. Figure 8 and Figure 9 show this mechanism at full load and VIN = 230VAC
conditions.
Figure 6.
VIN = 115VAC - CCM
Figure 7.
CCM - Anticipation detail
CH1: L6668 gate drive
CH2: STSR30 gate drive
CH3: STSR30 CK pin
CH1: L6668 gate drive
CH2: STSR30 gate drive
CH3: STSR30 CK pin
Figure 8.
VIN = 230VAC - DCM
Figure 9.
DCM - INHIBIT synchronization
CH1: L6668 gate drive
CH2: STSR30 gate drive
CH3: STSR30 CK pin
CH3: STSR30 CK pin
CH4: STSR30 gate drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com