Electronic Components Datasheet Search
  English  ▼

X  

AN2432 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2432 Datasheet HTML 1Page - STMicroelectronics AN2432 Datasheet HTML 2Page - STMicroelectronics AN2432 Datasheet HTML 3Page - STMicroelectronics AN2432 Datasheet HTML 4Page - STMicroelectronics AN2432 Datasheet HTML 5Page - STMicroelectronics AN2432 Datasheet HTML 6Page - STMicroelectronics AN2432 Datasheet HTML 7Page - STMicroelectronics AN2432 Datasheet HTML 8Page - STMicroelectronics AN2432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
October 2006
Rev 2
1/27
AN2432
Application note
EVALSTSR30-60W: 60W AC-DC Adapter
with synchronous rectification using L6668 and STSR30
Introduction
This document describes a 60W adapter application using the L6668 fixed frequency
current mode PWM controller and the STSR30 smart driver for flyback synchronous
rectification.
This chipset guarantees low no-load consumption and high efficiency, making it easy to
comply with world-wide mandatory and voluntary energy saving requirements.
EVALSTSR30-60W demo board
www.st.com


Similar Part No. - AN2432

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN243 SILABS-AN243 Datasheet
1Mb / 16P
Describe the high-level differences between RDS and RBDS
logo
STMicroelectronics
AN2430 STMICROELECTRONICS-AN2430 Datasheet
195Kb / 24P
STR75x SystemMemory boot mode
08-Jan-2007
AN2435 STMICROELECTRONICS-AN2435 Datasheet
750Kb / 25P
TM sepic converter in PFC pre-regulator
05-Mar-2007
AN2439 STMICROELECTRONICS-AN2439 Datasheet
416Kb / 20P
27 W Output power ultra wide range input
25-Jun-2006
More results

Similar Description - AN2432

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
This application note describes
03-Jun-2008
AN2242 STMICROELECTRONICS-AN2242 Datasheet
571Kb / 31P
This document describes a reference design
05-Dec-2005
AN2950 STMICROELECTRONICS-AN2950 Datasheet
1Mb / 37P
This document describes
29-Apr-2010
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
This document describes
26-Aug-2011
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
This application note describes
09-Oct-2009
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
This Application Note describes
AN3311 STMICROELECTRONICS-AN3311 Datasheet
2Mb / 58P
This application note describes
14-Dec-2010
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
This document describes
20-Sep-2011
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
This document describes
17-Jun-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com