Electronic Components Datasheet Search
  English  ▼

X  

AN2432 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2432 Datasheet HTML 8Page - STMicroelectronics AN2432 Datasheet HTML 9Page - STMicroelectronics AN2432 Datasheet HTML 10Page - STMicroelectronics AN2432 Datasheet HTML 11Page - STMicroelectronics AN2432 Datasheet HTML 12Page - STMicroelectronics AN2432 Datasheet HTML 13Page - STMicroelectronics AN2432 Datasheet HTML 14Page - STMicroelectronics AN2432 Datasheet HTML 15Page - STMicroelectronics AN2432 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
AN2432
Electrical performance
12/27
Another important measurement is the efficiency improvement given by the synchronous
rectification with respect to a standard (diode rectification) flyback. The test was performed
using a STPS8H100 Schottky diode instead of the SR MOSFET. The results are shown in
Table 8. In a load range from 20% to 100% of the rated load, the average efficiency rise is
3.52% at 115VAC and 3.75% at 230VAC.
Table 6.
Mandatory energy saving requirements (from 1 January 2008)
Energy
program
Pin no load
Measure
Efficiency
Measure
Compliant
California
Energy
Commission
(CEC)
< 0.5 W
0.178 W
(@230VAC)
> 85%
87%(1)
(@115VAC)
Yes
Australian
< 0.5 W
> 85%
87%(1)
(@115VAC)
Yes
China
< 0.75 W
> 82%
86.44%
(@115VAC)
Yes
Table 7.
Voluntary energy saving requirements (from 1 January 2008)
Energy
program
Pin no load
Measure
Efficiency
Measure
Compliant
Energy Star
< 0.5 W
0.178 W
(@230VAC)
> 84%
87%(1)
(@115VAC)
1.
Efficiency measured at 25%, 50%, 75% and 100% of rated load and then averaged
Yes
COC (Code Of
Conduct)
European
Union
< 0.3 W
> 84%
86.44%
(@115VAC)
Yes
China
< 0.75 W
> 85%
86.44%
(@115VAC)
Yes
Table 8.
Comparison between standard and SR flyback
Value
VIN = 115VRMS
VIN = 230VRMS
Load [A]
EffSR
Effdiode
Var
EffSR
Effdiode
Var
1
86.54%
83.30%
+3.24%
85.66%
82.26%
+3.40%
2
87.73%
83.98%
+3.75%
86.74%
83.62%
+3.12%
3
88.28%
84.05%
+4.23%
88.97%
84.80%
+4.17%
4
86.95%
83.65%
+3.30%
88.63%
84.98%
+3.65%
5
86.44%
83.34%
+3.10%
89.38%
84.97%
+4.41%
Average var @ 115VAC
+3.52%
Average var @ 230VAC
+3.75%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com