Electronic Components Datasheet Search
  English  ▼

X  

AN2432 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2432 Datasheet HTML 1Page - STMicroelectronics AN2432 Datasheet HTML 2Page - STMicroelectronics AN2432 Datasheet HTML 3Page - STMicroelectronics AN2432 Datasheet HTML 4Page - STMicroelectronics AN2432 Datasheet HTML 5Page - STMicroelectronics AN2432 Datasheet HTML 6Page - STMicroelectronics AN2432 Datasheet HTML 7Page - STMicroelectronics AN2432 Datasheet HTML 8Page - STMicroelectronics AN2432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Adapter features
AN2432
5/27
1
Adapter features
1.1
Main characteristics
The 60W AC-DC adapter board described in this application note has the following main
characteristics:
●
Input:
–VIN: 88 ~ 264 VRMS
–
f: 45 ~ 66 Hz
●
Output:
–
12VDC ± 2% - 5A
●
No - Load:
–
Pin below 0.3W
●
Short circuit: protected with Auto-Restart feature
●
PCB type and size:
–FR4
–
Single side: 70 µm
–
120 x 75 mm
●
Safety: according to EN60065
●
EMI: Compliance with EN55022 - Class B specifications
1.2
Circuit description
This circuit implements a flyback transformer which is a very popular topology for this kind of
application and power level, thanks to its simplicity and good trade-off between cost and
performance. To improve the converter's efficiency, the EVALSTSR30 demo board uses
synchronous rectification.
The converter works in both Continuous and Discontinuous conduction mode depending on
the input voltage (the circuit has a wide input voltage range) and the output load. The
68-kHz switching frequency provides a good compromise between the transformer size and
the harmonics of the switching frequency, optimizing input filter.
The input section includes protection elements (varistor, fuse and NTC for inrush current
limiting), a standard Pi-filter for EMC suppression, a bridge and an electrolytic bulk capacitor
as the front-end AC-DC converter. The transformer is a layer type, uses a standard ETD34
ferrite core and is designed to have a reflected voltage of 95V. The power MOS is a 700V -
1
Ω and a transil clamp network is used for leakage inductance demagnetization.
On the primary side, the ST L6668 PWM controller integrates all the functions needed in a
SMPS (switch mode power supply) and enables building a complete system with a low
amount of external components. It includes a high voltage start-up generator, an
overvoltage protection input, frequency foldback for better efficiency at light loads,
programmable burst mode operation and soft start circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com