Electronic Components Datasheet Search
  English  ▼

X  

AN2432 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2432 Datasheet HTML 1Page - STMicroelectronics AN2432 Datasheet HTML 2Page - STMicroelectronics AN2432 Datasheet HTML 3Page - STMicroelectronics AN2432 Datasheet HTML 4Page - STMicroelectronics AN2432 Datasheet HTML 5Page - STMicroelectronics AN2432 Datasheet HTML 6Page - STMicroelectronics AN2432 Datasheet HTML 7Page - STMicroelectronics AN2432 Datasheet HTML 8Page - STMicroelectronics AN2432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
AN2432
List of tables
4/10
List of tables
Table 1.
Line and load regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 2.
Efficiency at 115VRMS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 3.
Efficiency at 230VRMS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 4.
No load consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 5.
Power consumption with 0.5W output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 6.
Mandatory energy saving requirements (from 1 January 2008) . . . . . . . . . . . . . . . . . . . . . 12
Table 7.
Voluntary energy saving requirements (from 1 January 2008) . . . . . . . . . . . . . . . . . . . . . . 12
Table 8.
Comparison between standard and SR flyback . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 9.
Key components temperature at 115VAC - full load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 10.
Key components temperature at 230VAC - full load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 11.
Part list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 12.
Winding characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 13.
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com