Electronic Components Datasheet Search
  English  ▼

X  

AN2432 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2432 Datasheet HTML 16Page - STMicroelectronics AN2432 Datasheet HTML 17Page - STMicroelectronics AN2432 Datasheet HTML 18Page - STMicroelectronics AN2432 Datasheet HTML 19Page - STMicroelectronics AN2432 Datasheet HTML 20Page - STMicroelectronics AN2432 Datasheet HTML 21Page - STMicroelectronics AN2432 Datasheet HTML 22Page - STMicroelectronics AN2432 Datasheet HTML 23Page - STMicroelectronics AN2432 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
AN2432
Bill of materials
20/27
6
Bill of materials
Table 11 lists the parts of the demo board.
Table 11.
Part list
Ref
Part Value
Description
Manufacturer
C1
1000uF - 25V
Aluminium ELCAP 25ZL1000M12.5x20 - 105°C
Rubycon
C2
100nF - 50V
CERCAP X7R - General purpose
AVX
C3
100nF - 50V
CERCAP X7R - General purpose
AVX
C4
4.7nF - 50V
CERCAP X7R - General purpose
AVX
C5
1nF - 250V
Polyester CAP R82IC3100DQ02J
Arcotronics
C6
47uF - 25V
Aluminium ELCAP - YXF series - 105°C
Rubycon
C7
470nF - 16V
CERCAP X7R - General purpose
AVX
C8
100uF - 400V
Aluminium ELCAP TS-UP series - ECEC2GP101BB -
85°C
Panasonic
C9
1nF - 50V
CERCAP X7R - General purpose
AVX
C10
68nF - 50V
CERCAP X7R - General purpose
AVX
C11
1nF - 50V
CERCAP NP0 - General purpose - 1%
AVX
C12
100nF - 50V
CERCAP X7R - General purpose
AVX
C13
470pF - 50V
CERCAP NP0 - General purpose
AVX
C14
100nF - 275Vac
X2 film CAP - R46KI 3100xx M1 M
Arcotronics
C15
100nF - 275Vac
X2 film CAP - R46KI 3100xx M1 M
Arcotronics
C16
100nF - 50V
CERCAP X7R - General purpose
AVX
C17
2.2nF - 50V
CERCAP X7R - General purpose
AVX
C18
2.2nF - 250Vac
Y1 safety CAP - DE1E3KX222M
Murata
C19
1000uF - 25V
Aluminium ELCAP 25ZL1000M12.5x20 - 105°C
Rubycon
C20
220pF - 50V
CERCAP NP0 - General purpose
AVX
C21
100uF - 35V
Aluminium ELCAP - YXF series - 105°C
Rubycon
C22
470nF - 16V
CERCAP X7R - General purpose
AVX
C23
220pF - 50V
CERCAP NP0 - General purpose
AVX
C24
220pF - 50V
CERCAP NP0 - General purpose
AVX
C25
100nF -50V
CERCAP X7R - General purpose
AVX
C26
N.M.
CERCAP X7R - General purpose
---
C27
100pF -50V
CERCAP NP0 - General purpose
AVX
C28
1nF - 50V
CERCAP X7R - General purpose
AVX
C29
100nF - 50V
CERCAP X7R - General purpose
AVX
D1
STPS2H100
Power Schottky rectifier
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com