Electronic Components Datasheet Search
  English  ▼

X  

AN2432 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2432 Datasheet HTML 19Page - STMicroelectronics AN2432 Datasheet HTML 20Page - STMicroelectronics AN2432 Datasheet HTML 21Page - STMicroelectronics AN2432 Datasheet HTML 22Page - STMicroelectronics AN2432 Datasheet HTML 23Page - STMicroelectronics AN2432 Datasheet HTML 24Page - STMicroelectronics AN2432 Datasheet HTML 25Page - STMicroelectronics AN2432 Datasheet HTML 26Page - STMicroelectronics AN2432 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Transformer specification
AN2432
25/27
Figure 31.
Windings position
Note:
Primaries A and B are in series.
Note:
Cover primary and auxiliary wire ends with silicon sleeve.
8.2
Mechanical aspect
●
Maximum height from PCB: 35 mm
●
Coil former type: horizontal, 7+7 pins (Pins #2 and #8 removed)
●
Pins pitch: 5.08 mm
●
Rows distance: 25.4 mm
●
Pins #2 and #8 removed
●
External copper shield: 12 mm width
Table 12.
Winding characteristics
Pins
Winding
RMS current
Number of turns
Wire type
3 – 2
PRIMARY - A
1.06 ARMS
32
G2 – 2 x
φ 0.45 mm
12, 13 – 9, 10
SECONDARY
7.4 ARMS
8
G2 – 60 x
φ 0.18 mm
2 – 1
PRIMARY - B
1.06 ARMS
31
G2– 2 x
φ 0.45 mm
6 – 7
AUX
0.05 ARMS
12 Spaced
G2 –
φ 0.25 mm
COIL FORMER
INSULATING
TAPE
SECONDARY
PRIMARY - A
PRIMARY - B
AUX
3mm
3mm
coil former
insulating
tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com