Electronic Components Datasheet Search
  English  ▼

X  

AN2450 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2450 Datasheet HTML 1Page - STMicroelectronics AN2450 Datasheet HTML 2Page - STMicroelectronics AN2450 Datasheet HTML 3Page - STMicroelectronics AN2450 Datasheet HTML 4Page - STMicroelectronics AN2450 Datasheet HTML 5Page - STMicroelectronics AN2450 Datasheet HTML 6Page - STMicroelectronics AN2450 Datasheet HTML 7Page - STMicroelectronics AN2450 Datasheet HTML 8Page - STMicroelectronics AN2450 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
March 2014
DocID12784 Rev 6
1/35
AN2450
Application note
LLC resonant half-bridge converter design guideline
Silvio De Simone
Introduction
The growing popularity of the LLC resonant converter in its half-bridge implementation (see
Figure 1 on page 4) is due to its high-efficiency, low level of EMI emissions, and its ability to
achieve high power density. Such features perfectly fit the power supply demand of many
modern applications such as LCD and PDP TV or 80+ initiative compliant ATX silver box.
One of the major difficulties that engineers are facing with this topology is the lack of
information concerning the way the converter operates and, therefore, the way to design it in
order to optimize its features.
The purpose of this application note is to provide a detailed quantitative analysis of the
steady state operation of the topology that can be easily translated into a design procedure.
Exact analysis of LLC resonant converters (see 1. of Section 9: Reference on page 34)
leads to a complex model that cannot be easily used to derive a handy design procedure.
R. L. Steigerwald (see 2. of Section 9: Reference) has described a simplified method,
applicable to any resonant topology, based on the assumption that input to output power
transfer is essentially due to the fundamental Fourier series components of currents and
voltages.
This is what is commonly known as the “first harmonic approximation” (FHA) technique,
which enables the analysis of resonant converters by means of classical complex ac circuit
analysis. This is the approach that has been used in this paper.
The same methodology has been used by T. Duerbaum (see 3. of Section 9) who has
highlighted the peculiarities of this topology stemming from its multi-resonant nature.
Although it provides an analysis useful to set up a design procedure, the quantitative aspect
is not fully complete since some practical design constraints, especially those related to soft-
switching, are not addressed. In (see 4. of Section 9) a design procedure that optimizes
transformer's size is given but, again, many other significant aspects of the design are not
considered.
The application note starts with a brief summary of the first harmonic approximation
approach, giving its limitations and highlighting the aspects it cannot predict. Then, the LLC
resonant converter is characterized as a two-port element, considering the input
impedance, and the forward transfer characteristic. The analysis of the input impedance is
useful to determine a necessary condition for Power MOSFETs' ZVS to occur and allows the
designer to predict how conversion efficiency behaves when the load changes from the
maximum to the minimum value. The forward transfer characteristic (see Figure 3 on
page 10) is of great importance to determine the input to output voltage conversion ratio and
provides considerable insight into the converter's operation over the entire range of input
voltage and output load. In particular, it provides a simple graphical means to find the
condition for the converter to regulate the output voltage down to zero load, which is one of
the main benefits of the topology as compared to the traditional series resonant converter.
www.st.com


Similar Part No. - AN2450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN2450000707051B ETC2-AN2450000707051B Datasheet
262Kb / 12P
2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2450000707051F ETC2-AN2450000707051F Datasheet
262Kb / 12P
2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2450000707051K ETC2-AN2450000707051K Datasheet
262Kb / 12P
2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2450000707054B ETC2-AN2450000707054B Datasheet
262Kb / 12P
2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2450000707054F ETC2-AN2450000707054F Datasheet
262Kb / 12P
2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - AN2450

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD1500-90WLLC CIRRUS-CRD1500-90WLLC Datasheet
101Kb / 1P
CS1500 90W, High-efficiency PFC w/ LLC Resonant Converter Reference Design
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
Half-bridge LLC Resonant Converter
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
logo
MPS Industries, Inc.
P6503 MPSIND-P6503 Datasheet
462Kb / 1P
HALF BRIDGE LLC RESONANT TRANSFORMER
P6504 MPSIND-P6504 Datasheet
463Kb / 1P
HALF BRIDGE LLC RESONANT TRANSFORMER
logo
Fairchild Semiconductor
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
logo
International Rectifier
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
RESONANT HALF-BRIDGE CONVERTER CONTROL IC
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
LLC Current resonant bridge controller
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com