Electronic Components Datasheet Search
  English  ▼

X  

AN2450 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2450 Datasheet HTML 26Page - STMicroelectronics AN2450 Datasheet HTML 27Page - STMicroelectronics AN2450 Datasheet HTML 28Page - STMicroelectronics AN2450 Datasheet HTML 29Page - STMicroelectronics AN2450 Datasheet HTML 30Page - STMicroelectronics AN2450 Datasheet HTML 31Page - STMicroelectronics AN2450 Datasheet HTML 32Page - STMicroelectronics AN2450 Datasheet HTML 33Page - STMicroelectronics AN2450 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Electrical test results
AN2450
30/35
DocID12784 Rev 6
The measurements have been done after 30 minutes of warm-up at maximum load. The
circuit efficiency has been calculated at each load condition and input dc voltage and is
plotted in Figure 13, showing very high values at maximum load level, higher than 96.5%.
Also at light load, at an output power of about 10% of the maximum level, the converter
efficiency is very good, reaching a value better than 88% in the whole DC input voltage
range.
Figure 13. Circuit efficiency versus output power at various input voltages
8.2
Resonant stage operating waveforms
Figure 14 shows some waveforms during steady state operation of the resonant circuit at
nominal dc input voltage and full load. The Ch1 waveform is the half-bridge square voltage
on pin 14 of the L6599, driving the resonant circuit. The trace Ch2 represents the
transformer primary current flowing into the resonant tank. As shown, it is almost sinusoidal,
because the operating frequency (about 123 kHz) is close to the resonance of the leakage
inductance of the transformer and the resonant capacitor (C6). In this condition the circuit
Table 4. Efficiency measurements at Vin = 420Vdc
+200 V
At load (A)
+75 (V)
At load (A)
Pout (W)
Pin (W)
Efficiency %
198.35
1.601
76.57
1.008
394.74
407.45
96.88%
198.20
1.301
76.55
0.808
319.71
329.70
96.97%
197.87
1.001
76.47
0.609
244.64
252.55
96.87%
196.85
0.750
76.20
0.410
178.88
185.13
96.62%
198.01
0.504
76.74
0.198
114.99
119.78
96.00%
198.67
0.151
76.98
0.107
38.24
41.92
91.21%
88.00%
89.00%
90.00%
91.00%
92.00%
93.00%
94.00%
95.00%
96.00%
97.00%
98.00%
0.00
50.00
100.00
150.00
200.00
250.00
300.00
350.00
400.00
450.00
Output power (W)
@ 390 Vdc
@ 360 Vdc
@ 420 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com