Electronic Components Datasheet Search
  English  ▼

X  

AN2450 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2450 Datasheet HTML 13Page - STMicroelectronics AN2450 Datasheet HTML 14Page - STMicroelectronics AN2450 Datasheet HTML 15Page - STMicroelectronics AN2450 Datasheet HTML 16Page - STMicroelectronics AN2450 Datasheet HTML 17Page - STMicroelectronics AN2450 Datasheet HTML 18Page - STMicroelectronics AN2450 Datasheet HTML 19Page - STMicroelectronics AN2450 Datasheet HTML 20Page - STMicroelectronics AN2450 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
DocID12784 Rev 6
17/35
AN2450
ZVS constraints
35
Due to the phase lag of the input current with respect to the input voltage, at the end of the
first half cycle the inductor current Irt is still flowing into the circuit and, therefore it can
deplete CZVS so that its voltage swings from V to zero (it will be vice versa during the
second half cycle).
In order to guarantee ZVS, the tank current at the end of the first half cycle (considering the
dead time negligible as compared to the switching period, so that the current change is
negligible as well) must exceed the minimum value necessary to deplete CZVS within the
dead time interval TD, which means:
Equation 40
This current equals, of course, the peak value of the reactive current flowing through the
resonant tank (it is 90° out-of-phase); the one that determines the reactive power level into
the circuit:
Equation 41
Moreover, as the rms component of the tank current associated to the active power is:
Equation 42
we can derive also the rms value of the resonant tank current and the phase lag
 between
input voltage and current (that is the input impedance phase angle at that operating point):
Equation 43
Equation 44
Thus we can write the following analytic expression:
Equation 45
which is the sufficient condition for ZVS of the half-bridge Power MOSFETs, to be applied to
the whole operating range. The solution of Equation 45 for the quality factor Qzvs that
ensures ZVS behavior at full load and minimum input voltage is not convenient.
Izvs
irt
Tsw
2
---------


Czvs
V
TD
-------
2COSS Cstray
+

Vdc
TD
---------
==
=
Izvs
2Irt
sin
=
Iact
Irt
cos
Pin
ViFHA
---------------
=
=
.
Irt
Irt
2

2
Irt
2

2
sin
+
cos
Pin
ViFHA
---------------


2
Izvs
2
2
------------
+
=
=
.
a
Pin
ViFHAIrt
---------------------


cos
=
.

tan
Im Zn fn  Q



Re Zn fn  Q



-------------------------------------------
Czvs
T
D
------------
Vdc
2
Pin
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com