Electronic Components Datasheet Search
  English  ▼

X  

AN2450 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2450 Datasheet HTML 1Page - STMicroelectronics AN2450 Datasheet HTML 2Page - STMicroelectronics AN2450 Datasheet HTML 3Page - STMicroelectronics AN2450 Datasheet HTML 4Page - STMicroelectronics AN2450 Datasheet HTML 5Page - STMicroelectronics AN2450 Datasheet HTML 6Page - STMicroelectronics AN2450 Datasheet HTML 7Page - STMicroelectronics AN2450 Datasheet HTML 8Page - STMicroelectronics AN2450 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
DocID12784 Rev 6
3/35
AN2450
List of figures
35
List of figures
Figure 1.
LLC resonant half-bridge converter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2.
FHA resonant circuit two port model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Conversion ratio of LLC resonant half-bridge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Shrinking effect of l value increase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Normalized input impedance magnitude . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 6.
Capacitive and inductive regions in M - fn plane . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 7.
Circuit behavior at ZVS transition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 8.
Voltage gain characteristics of the LLC resonant tank . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 9.
Transformer's physical model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 10.
Transformer's APR (all primary referred) model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 11.
Transformer construction: E-cores and slotted bobbin . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 12.
LLC resonant half-bridge converter electrical schematic . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 13.
Circuit efficiency versus output power at various input voltages. . . . . . . . . . . . . . . . . . . . . 30
Figure 14.
Resonant circuit primary side waveforms at nominal dc input voltage and full load . . . . . . 31
Figure 15.
Resonant circuit primary side waveforms at nominal dc input voltage and light load . . . . . 31
Figure 16.
Resonant circuit primary side waveforms at nominal dc input voltage and no-load . . . . . . 32
Figure 17.
Resonant circuit primary side waveforms at nominal dc input voltage and light load . . . . . 32
Figure 18.
+200 V output diode voltage and current waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 19.
+75 V output diode voltage and current waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com