Electronic Components Datasheet Search
  English  ▼

X  

AN2450 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2450 Datasheet HTML 1Page - STMicroelectronics AN2450 Datasheet HTML 2Page - STMicroelectronics AN2450 Datasheet HTML 3Page - STMicroelectronics AN2450 Datasheet HTML 4Page - STMicroelectronics AN2450 Datasheet HTML 5Page - STMicroelectronics AN2450 Datasheet HTML 6Page - STMicroelectronics AN2450 Datasheet HTML 7Page - STMicroelectronics AN2450 Datasheet HTML 8Page - STMicroelectronics AN2450 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
FHA circuit model
AN2450
4/35
DocID12784 Rev 6
1
FHA circuit model
The FHA approach is based on the assumption that the power transfer from the source to
the load through the resonant tank is almost completely associated to the fundamental
harmonic of the Fourier expansion of the currents and voltages involved. This is consistent
with the selective nature of resonant tank circuits.
Figure 1. LLC resonant half-bridge converter
The harmonics of the switching frequency are then neglected and the tank waveforms are
assumed to be purely sinusoidal at the fundamental frequency: this approach gives quite
accurate results for operating points at and above the resonance frequency of the resonant
tank (in the continuous conduction mode), while it is less accurate, but still valid, at
frequencies below the resonance (in the discontinuous conduction mode).
It is worth pointing out also that many details of circuit operation on a cycle-to-cycle time
base will be lost. In particular, FHA provides only a necessary condition for MOSFETs' zero-
voltage switching (ZVS) and does not address secondary rectifiers' natural ability to work
always in zero-current switching (ZCS). A sufficient condition for Power MOSFETs' ZVS will
be determined in Section 3: ZVS constraints on page 16 still in the frame of FHA approach.
Let us consider the simple case of ideal components, both active and passive.
The two Power MOSFETs of the half-bridge in Figure 1 are driven on and off symmetrically
with 50% duty cycle and no overlapping. Therefore the input voltage to the resonant tank
vsq(t) is a square waveform of amplitude Vdc, with an average value of Vdc/2. In this case the
capacitor Cr acts as both resonant and dc blocking capacitor. As a result, the alternate
voltage across Cr is superimposed to a dc level equal to Vdc/2.
The input voltage waveform vsq(t) of the resonant tank in Figure 1 can be expressed in
Fourier series:
Equation 1
Rout
Vdc
Cr
Lr
Lm
n:1
Input source
Resonant
tank
Ideal
transformer
Uncontrolled
rectifier
Low-pass
filter
Load
Cout
Q1
Q2
Controlled
Switch Network
D1
D2
Vout
Irt
vsq t
Vdc
2
---------
2
---Vdc
1
n
---
n
135.

=
n2
f
swt

sin
+
=
.…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com