Electronic Components Datasheet Search
  English  ▼

X  

AN2450 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2450 Datasheet HTML 10Page - STMicroelectronics AN2450 Datasheet HTML 11Page - STMicroelectronics AN2450 Datasheet HTML 12Page - STMicroelectronics AN2450 Datasheet HTML 13Page - STMicroelectronics AN2450 Datasheet HTML 14Page - STMicroelectronics AN2450 Datasheet HTML 15Page - STMicroelectronics AN2450 Datasheet HTML 16Page - STMicroelectronics AN2450 Datasheet HTML 17Page - STMicroelectronics AN2450 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Voltage gain and input impedance
AN2450
14/35
DocID12784 Rev 6
By imposing that the imaginary part of Zn(fn, , Q) is zero (which means imposing that Zin
has zero phase angle, as Zo is real and does not affect the phase), we can find the
boundary condition between capacitive and inductive mode operation of the LLC resonant
converter.
The analytical results are the following:
Equation 32
Equation 33
where fnZ represents the normalized frequency where, for a fixed couple (- Q), the input
resonant tank impedance is real (and only real power is absorbed from the source); while
QZ is the maximum value of the quality factor, below which, at a fixed normalized frequency
and inductance ratio (fn - ) the tank impedance is inductive; hence, the maximum voltage
gain available in that condition is also found:
Equation 34
By plotting the locus of operating points [MMAX(, Q), fnZ(,Q)], whose equation on M - fn
plane is the following:
Equation 35
we can draw the borderline between capacitive and inductive mode in the region between
the two resonance frequencies, shown in Figure 6. It is also evident that the peak value of
the gain characteristics for a given quality factor Q value, already lies in the capacitive
region.
fnZ  Q

Q
2
 1 
+

–
Q
2
 1 
+

–

2
4Q
22
+
+
2Q
2
----------------------------------------------------------------------------------------------------------------
=
QZ fn

1fn
2
–
----------------
fn
----

 2
–
=
MMAX  Q

MfnZ  Q 
 Q


=
MZ fn

fn
fn
2 1 
+
 
–
---------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com