Electronic Components Datasheet Search
  English  ▼

X  

AN2450 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2450 Datasheet HTML 16Page - STMicroelectronics AN2450 Datasheet HTML 17Page - STMicroelectronics AN2450 Datasheet HTML 18Page - STMicroelectronics AN2450 Datasheet HTML 19Page - STMicroelectronics AN2450 Datasheet HTML 20Page - STMicroelectronics AN2450 Datasheet HTML 21Page - STMicroelectronics AN2450 Datasheet HTML 22Page - STMicroelectronics AN2450 Datasheet HTML 23Page - STMicroelectronics AN2450 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Operation under overload and short-circuit condition
AN2450
20/35
DocID12784 Rev 6
converter will no longer be able to keep the output voltage regulated and the output voltage
will fall despite the reduction of the operating frequency (feedback reversal).
Limiting the minimum operating frequency (e.g. at the frequency value corresponding to the
intersection of M = Mx with Q = Qmax) is not enough to prevent the converter from entering
the capacitive region of operation. In fact, as the minimum frequency is reached, from that
point onwards a further load increase will make the operating point move along the vertical
line f = fmin and eventually cross the borderline.
Limiting the minimum operating frequency is effective in preventing capacitive mode
operation only if the minimum (normalized) frequency value is greater than 1. This suggests
that, in response to an overload/short-circuit condition at the output, the converter operating
frequency must be pushed above the resonance frequency (it is better if well above it) in
order to decrease power throughput.
It is worth noticing that, if the converter is specified to deliver a peak output power (where
output voltage regulation is to be maintained) greater than the maximum continuous output
power for a limited time, the resonant tank must be designed for peak output power to make
sure that it will not run in capacitive mode. Of course, its thermal design will consider only
the maximum continuous power.
In any case, whatever the converter specified, short-circuit conditions or, in general,
overload conditions exceeding the maximum specified for the tank circuit, need to be
handled with additional means, such as a current limitation circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com