Electronic Components Datasheet Search
  English  ▼

X  

AN2450 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2450 Datasheet HTML 8Page - STMicroelectronics AN2450 Datasheet HTML 9Page - STMicroelectronics AN2450 Datasheet HTML 10Page - STMicroelectronics AN2450 Datasheet HTML 11Page - STMicroelectronics AN2450 Datasheet HTML 12Page - STMicroelectronics AN2450 Datasheet HTML 13Page - STMicroelectronics AN2450 Datasheet HTML 14Page - STMicroelectronics AN2450 Datasheet HTML 15Page - STMicroelectronics AN2450 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Voltage gain and input impedance
AN2450
12/35
DocID12784 Rev 6
Figure 4. Shrinking effect of
 value increase
Starting from Equation 16 on page 7 we can obtain the expression of the normalized input
impedance Zn of the resonant tank:
Equation 27
whose magnitude is plotted in Figure 5, at different Q values, with
 = 0.2.
The red and blue curves in the above mentioned figure represent the no-load and short-
circuit cases respectively, and are characterized by asymptotes at the two normalized
resonance frequencies fno and fnr (= 1). All the curves at different values of Q intercept at
normalized frequency fn.cross:
Equation 28
At frequencies higher than the crossing frequency fn.cross, the input impedance behaves
such that at increasing output current Iout (that is at increasing Pout and Q) it decreases
(coherently to the load resistance); the opposite happens at frequencies lower than fn.cross,
where the input impedance increases, while the output load resistance decreases.
Zn fn  Q


Zin fn  Q


Zo
-------------------------------
jfn
 jf
nQ
+
--------------------
1fn
2
–
jfn
----------------
+
=
=
fncross
2
12
+
----------------
=
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com