Electronic Components Datasheet Search
  English  ▼

X  

AN2450 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2450 Datasheet HTML 23Page - STMicroelectronics AN2450 Datasheet HTML 24Page - STMicroelectronics AN2450 Datasheet HTML 25Page - STMicroelectronics AN2450 Datasheet HTML 26Page - STMicroelectronics AN2450 Datasheet HTML 27Page - STMicroelectronics AN2450 Datasheet HTML 28Page - STMicroelectronics AN2450 Datasheet HTML 29Page - STMicroelectronics AN2450 Datasheet HTML 30Page - STMicroelectronics AN2450 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
DocID12784 Rev 6
27/35
AN2450
Design example
35
The chosen standard value of the resonant capacitor is 47 nF. The transformer has been
designed using a two slot coil former and integrating both the series inductance Lr and the
shunt inductance Lm, in order to obtain a magnetic component with the following
parameters:
primary inductance (with secondary windings open)
primary inductance with secondary windings shorted
transformer turn ratio
The number of primary turns has been found experimentally, by measuring the “specific
leakage inductance” (i.e. the leakage inductance per square turns) of a few suitable ferrite
cores, using a two slot winding configuration. The procedure consists of winding a few
layers of turns on both slots of the coil former (same copper area for primary and secondary)
and then measuring the inductance of one winding with the other one short-circuited.
Dividing this measured value by the squared number of turns gives the specific leakage
inductance of the core - coil former construction. The chosen ferrite core is a ER-49-27-17
type, material grade PC44, and the necessary number of primary turns to obtain the
required leakage inductance is 19. Therefore, the total number of secondary turns for 200 V
output is 18 (from the required turn ratio nt).
The secondary side of the transformer consists of two center tap windings, one for each
output, and the two output voltages (+75 V and +200 V) are obtained by series connecting
the two secondary windings on the DC side (refer to the electrical schematic in Figure 12 for
better understanding of circuit configuration). The bottom winding (for +75 V output) has
7 turns, while the top winding consists of 11 (18 - 7) turns.
LpSO

Lr Lm 240 H
=
+
=
LpSS

Lr 40 H
=
=
nt
n1
+
1.08
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com