Electronic Components Datasheet Search
  English  ▼

X  

AN2823 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 3Page - STMicroelectronics AN2823 Datasheet HTML 4Page - STMicroelectronics AN2823 Datasheet HTML 5Page - STMicroelectronics AN2823 Datasheet HTML 6Page - STMicroelectronics AN2823 Datasheet HTML 7Page - STMicroelectronics AN2823 Datasheet HTML 8Page - STMicroelectronics AN2823 Datasheet HTML 9Page - STMicroelectronics AN2823 Datasheet HTML 10Page - STMicroelectronics AN2823 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AN2823
The L5973AD in LED driving applications
Doc ID 15015 Rev 1
7/33
2.1
Designing a high efficiency current source (topology 1)
The reference of the embedded error amplifier of the L597x family is 1.235 V.
The sense resistor value when the circuit proposed in Figure 4 is used to implement a
350 mA current source is:
Equation 1
and the power losses across it are:
Equation 2
So if the current generator is powering a string composed of 1 W LEDs, the total efficiency
of the conversion is affected by the sense resistor at a percentage of 43%. Obviously this
circuit could be rendered acceptable by increasing the number of LEDs composing the
string, but is, in any case, limited when the load is a single 3 W LED.
2.1.1
DC GAIN design
Figure 5 shows the guiding principle to implement an improved current generator using the
L5973AD and two additional resistors.
Figure 5.
Improved schematic of the current generator
R1 and R6 resistors are used to decrease the magnitude of the regulated voltage across the
sense resistor. Applying the superimposition of the effects, the equation of the FB voltage
can be written as:
Equation 3
R
SENSE
V
FB
I
LED
-----------
1.235
0.35
---------------
3.52
Ω
=
=
=
P
LOSSES
R
SENSE
I
LED
2
430mW
≅
⋅
=
V
FB
V
REF
R
6
R
1
R
6
+
--------------------
V
S
R
1
R
1
R
6
+
--------------------
⋅
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com