Electronic Components Datasheet Search
  English  ▼

X  

AN2823 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 8Page - STMicroelectronics AN2823 Datasheet HTML 9Page - STMicroelectronics AN2823 Datasheet HTML 10Page - STMicroelectronics AN2823 Datasheet HTML 11Page - STMicroelectronics AN2823 Datasheet HTML 12Page - STMicroelectronics AN2823 Datasheet HTML 13Page - STMicroelectronics AN2823 Datasheet HTML 14Page - STMicroelectronics AN2823 Datasheet HTML 15Page - STMicroelectronics AN2823 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
The L5973AD in LED driving applications
AN2823
12/33
Doc ID 15015 Rev 1
Figure 10.
Time delay in the LED current leading edge
The minimum dimming duty cycle is determined based on the specification of the rising /
falling time of the LED current referred to the dimming time and on the dimming frequency.
Figure 11.
Dimming signal
From Figure 9 and 10 (VIN = 18 V, string composed of two LEDs) the following data can be
inferred:
Equation 7
Considering a dimming frequency of 250 Hz, the minimum duty cycle of the PWM dimming
satisfies the equation:
Equation 8
so the minimum D is about 5%.
AM01360v1
T
RISE
40
μs
=
T
FALL
6
μs
=
⎩
⎨
⎧
T
RISE
T
FALL
+
0.2 T
MIN_PULSE
⋅
0.2 D
MIN
T
DIMMING
⋅⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com