Electronic Components Datasheet Search
  English  ▼

X  

AN2823 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 20Page - STMicroelectronics AN2823 Datasheet HTML 21Page - STMicroelectronics AN2823 Datasheet HTML 22Page - STMicroelectronics AN2823 Datasheet HTML 23Page - STMicroelectronics AN2823 Datasheet HTML 24Page - STMicroelectronics AN2823 Datasheet HTML 25Page - STMicroelectronics AN2823 Datasheet HTML 26Page - STMicroelectronics AN2823 Datasheet HTML 27Page - STMicroelectronics AN2823 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
The L5973AD in LED driving applications
AN2823
24/33
Doc ID 15015 Rev 1
and it is plotted in Figure 24.
Figure 23.
αLED(s) plot
K(s) represents the transfer function of the block implemented through the external amplifier
(see Figure 24). The external error amplifier bandwidth is 0.8 MHz, so the correction term of
the ideal gain is introduced into the calculations to obtain a better analytical description of
the real transfer function of the block.
Equation 34
Figure 24.
Equivalent circuit of block K(s)
Ks
()
1
Z
2 s
()
Z
1 s
()
--------------
+
1
1
G
loop_EA s
()
------------------------------
–
----------------------------------------
1
Z
2 s
()
Z
1 s
()
--------------
+
1
Z
1 s
() Z
2 s
()
+
A
EA s
()
-----------------------------------
1
Z
1 s
()
--------------
⋅
⎝⎠
⎛⎞
–
----------------------------------------------------------------------
==
AM01374v1
LED1
LED2
LEDn
Rsense
Z2
Z1
R7
To L5973AD pin 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com