Electronic Components Datasheet Search
  English  ▼

X  

AN2823 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2823 Datasheet HTML 1Page - STMicroelectronics AN2823 Datasheet HTML 2Page - STMicroelectronics AN2823 Datasheet HTML 3Page - STMicroelectronics AN2823 Datasheet HTML 4Page - STMicroelectronics AN2823 Datasheet HTML 5Page - STMicroelectronics AN2823 Datasheet HTML 6Page - STMicroelectronics AN2823 Datasheet HTML 7Page - STMicroelectronics AN2823 Datasheet HTML 8Page - STMicroelectronics AN2823 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Basic principles of LED driving
AN2823
4/33
Doc ID 15015 Rev 1
1
Basic principles of LED driving
This paragraph deals with different ways to arrange a set of LEDs to generate the required
lumen output. Advantages and disadvantages for each topology are also provided.
The easiest and cheapest way to drive LEDs is to connect them in series, as shown in
Figure 2. However, this implies that the LED driver must provide an output voltage that is the
sum of the forward voltage of the LEDs.
Figure 2.
Basic schematic of series-driven LEDs
Therefore, in other cases the preferred solution is to drive LEDs in parallel, matching the
different current sources (Figure 3).
Figure 3.
Basic schematic of parallel-driven LEDs
An easy and cost-effective way to design a constant current source to drive LEDs is to use a
DC-DC converter, as shown in Figure 4. Since the voltage control loop of the device
regulates the voltage at the FB pin, a constant current source can be obtained by simply
connecting a resistor between this pin and GND. Application note AN1891 from
STMicroelectronics provides helpful information for designing a similar application using
monolithic DC-DC converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com