Electronic Components Datasheet Search
  English  ▼

X  

AN2823 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 21Page - STMicroelectronics AN2823 Datasheet HTML 22Page - STMicroelectronics AN2823 Datasheet HTML 23Page - STMicroelectronics AN2823 Datasheet HTML 24Page - STMicroelectronics AN2823 Datasheet HTML 25Page - STMicroelectronics AN2823 Datasheet HTML 26Page - STMicroelectronics AN2823 Datasheet HTML 27Page - STMicroelectronics AN2823 Datasheet HTML 28Page - STMicroelectronics AN2823 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AN2823
The L5973AD in LED driving applications
Doc ID 15015 Rev 1
25/33
where:
Equation 35
Considering L=100 µH and COUT=100 nF (see Figure 19), the frequency of the double pole
can be approximated to 50 kHz.
Figure 25.
Module plot
The cutoff frequency and the phase margin are:
Equation 36
Figure 26.
Phase plot
Z
1 s
()
1
sC
6
⋅
1
R
14
---------
+
-------------------------------
=
Z
2 s
()
1
sC
7
⋅
1
R
16
---------
+
-------------------------------
=
AM01375v1
F
C
73kHz
=
ζ
M
35o
=
AM01376v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com