Electronic Components Datasheet Search
  English  ▼

X  

AN2823 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 5Page - STMicroelectronics AN2823 Datasheet HTML 6Page - STMicroelectronics AN2823 Datasheet HTML 7Page - STMicroelectronics AN2823 Datasheet HTML 8Page - STMicroelectronics AN2823 Datasheet HTML 9Page - STMicroelectronics AN2823 Datasheet HTML 10Page - STMicroelectronics AN2823 Datasheet HTML 11Page - STMicroelectronics AN2823 Datasheet HTML 12Page - STMicroelectronics AN2823 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN2823
The L5973AD in LED driving applications
Doc ID 15015 Rev 1
9/33
The current source schematic in Figure 7 shows a negligible value for the output capacitor
to achieve better performance in the dimming operation. The high switching frequency of the
L5973AD helps to keep the unfiltered current ripple in the LED negligible compared to the
DC current, so the color shift of the emitted light in all operating conditions can be
considered negligible.
The L5973AD is based on a voltage mode control loop. Therefore, the duty ratio of the
internal switch is obtained through a comparison between a sawtooth waveform (generated
by an oscillator) and the output voltage of the error amplifier (see Figure 6). The embedded
error amplifier is a transconductance type so its output stage delivers current to the
compensation network.
Figure 6.
Block diagram of L5973AD
In Figure 7, the output of the embedded transconductance error amplifier is clamped by
switch Q1, in accordance with the PWM signal.
When switch Q1 is ON, the COMP pin is low (see Figure 9). Regardless of the FB input
there is no intersection between the internal sawtooth waveform and the output of the error
amplifier. The internal switch is thus disabled and the inductor current starts decreasing
down to zero.
When the PWM signal disables the Q1 switch (see Figure 10), no current flows in the sense
resistor RS, so the error amplifier is highly unbalanced and free to charge the compensation
network composed of C4, C5 and R5. When the voltage of the COMP pin crosses the
internal sawtooth ramp, the embedded switch is enabled: the current source starts charging
the inductor and the rising edge phase of the LED begins.
The minimum voltage of the internal sawtooth waveform is about 1 V (see the voltage mode
architecture in Figure 8) so there is a time delay between the disabling of the Q1 switch and
the first pulse of the internal MOSFET. The delay is due to the time necessary to charge the
compensation network to the minimum voltage to cross the internal ramp. This provides a
shift between the duty cycle of the input PWM signal and the real PWM dimming performed
on the load current.
Figure 9 and Figure 10 show the dimming operation monitoring the input dimming signal
and the LED current.
AM01357v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com