Electronic Components Datasheet Search
  English  ▼

X  

AN2823 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2823 Datasheet HTML 1Page - STMicroelectronics AN2823 Datasheet HTML 2Page - STMicroelectronics AN2823 Datasheet HTML 3Page - STMicroelectronics AN2823 Datasheet HTML 4Page - STMicroelectronics AN2823 Datasheet HTML 5Page - STMicroelectronics AN2823 Datasheet HTML 6Page - STMicroelectronics AN2823 Datasheet HTML 7Page - STMicroelectronics AN2823 Datasheet HTML 8Page - STMicroelectronics AN2823 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
August 2009
Doc ID 15015 Rev 1
1/33
AN2823
Application note
Current source for LED driving based on the L5973AD
Introduction
LEDs are devices where the light intensity (brightness), measured in millicandelas or in
lumens, is proportional to the forward current flowing through them. Two main classes can
be identified given the typical forward current of the final application:
■ Low current LEDs, from 15 mA to 50 mA, mainly used in the portable market for
backlighting and signaling applications
■ High current LEDs, with forward current between 350 mA to 1000 mA, typically used in
lighting applications
The typical voltage drop across the LEDs when forward-biased depends on the color of the
emitted light, and the spread is high even when considering LEDs from the same production
lot, as shown in Figure 1.
Figure 1.
V-I characteristic of 8 white LEDs of the same type
The spread of the forward voltage and the exponential trend of the I-V characteristic makes
current mode driving more convenient than voltage driving. As a consequence, the current
source regulates the LED current and the output voltage is fixed by the forward voltage
across each LED.
www.st.com


Similar Part No. - AN2823

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN282 SILABS-AN282 Datasheet
881Kb / 22P
USB MASS STORAGE DEVICE REFERENCE DESIGN PROGRAMMERS GUIDE
logo
STMicroelectronics
AN2822 STMICROELECTRONICS-AN2822 Datasheet
200Kb / 19P
STM8S and STM8A high speed internal oscillator calibration
31-Aug-2011
AN2827 STMICROELECTRONICS-AN2827 Datasheet
818Kb / 30P
Driver for double flash LED with I²C interface
10-Jun-2009
AN2829 STMICROELECTRONICS-AN2829 Datasheet
2Mb / 32P
Dual step-down controller with auxilary voltages
25-Feb-2009
More results

Similar Description - AN2823

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
Offline constant current LED driver based on the VIPer17
01-Sep-2008
STEVAL-ILL031V1 STMICROELECTRONICS-STEVAL-ILL031V1 Datasheet
145Kb / 6P
Digital constant-current controller for LED driving based on the STM8S208x
11-Nov-2010
STEVAL-ILL034V1 STMICROELECTRONICS-STEVAL-ILL034V1 Datasheet
170Kb / 4P
LED driver for an A19 lamp based on the L6562A for USA market
25-Nov-2010
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-ILL039V1 STMICROELECTRONICS-STEVAL-ILL039V1 Datasheet
194Kb / 4P
Step-up current controller for 2 LEDs based on the STLDC08 driver
31-Oct-2011
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
AN2754 STMICROELECTRONICS-AN2754 Datasheet
307Kb / 20P
Buck high-brightness LED driver based on the ST1S10
28-Aug-2008
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
Constant Current Switching Converter for High Brightness LED Driving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com