Electronic Components Datasheet Search
  English  ▼

X  

AN2823 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 13Page - STMicroelectronics AN2823 Datasheet HTML 14Page - STMicroelectronics AN2823 Datasheet HTML 15Page - STMicroelectronics AN2823 Datasheet HTML 16Page - STMicroelectronics AN2823 Datasheet HTML 17Page - STMicroelectronics AN2823 Datasheet HTML 18Page - STMicroelectronics AN2823 Datasheet HTML 19Page - STMicroelectronics AN2823 Datasheet HTML 20Page - STMicroelectronics AN2823 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN2823
The L5973AD in LED driving applications
Doc ID 15015 Rev 1
17/33
Figure 17.
Phase plot
The cutoff frequency and the phase margin are:
Equation 18
2.1.4
LED current accuracy
The purpose of this paragraph is to estimate each contribution which affects the accuracy of
the DC current flowing through the load (R6=6.8 kΩ, R1=20 kΩ, RS=1.5 W, PLOSSES= 184
mW).
The current flowing in the LED satisfies the equation:
Equation 19
The accuracy
εL597x of the reference and feedback voltage of the embedded error amplifier
is ± 1.2% (see the L5973AD device datasheet). The two parameters are based on the
internal bandgap cell of the device, so the relative spread is minimized (they are in tracking).
The spread of the current flowing in the LED is expressed as:
Equation 20
AM01367v1
F
C
36kHz
=
ζ
M
84o
=
I
LED
R
SENSE
V
S
V
FB
R
6
R
1
-------
V
REF
V
FB
–
()
⋅
–
=
=
⋅
I
LED
V
FB
1
ε
L597x
±
()
⋅
R
6
1
ε
R
6
±
()
⋅
R
1
1
ε
R
1
±
()
⋅
----------------------------------
V
REF
V
FB
–
() 1 ε
L597x
±
()
⋅⋅
–
R
SENSE
1
ε
R
SENSE
±
()
⋅
----------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com